Electronic Components Datasheet Search
  English  ▼

X  

AD824 Datasheet(PDF) 10 Page - Analog Devices

Part # AD824
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD824 Datasheet HTML 6Page - Analog Devices AD824 Datasheet HTML 7Page - Analog Devices AD824 Datasheet HTML 8Page - Analog Devices AD824 Datasheet HTML 9Page - Analog Devices AD824 Datasheet HTML 10Page - Analog Devices AD824 Datasheet HTML 11Page - Analog Devices AD824 Datasheet HTML 12Page - Analog Devices AD824 Datasheet HTML 13Page - Analog Devices AD824 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD824
Data Sheet
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 18. Common-Mode Rejection vs. Frequency
–40
–60
–80
–100
–120
100
1k
10k
100k
FREQUENCY (Hz)
Figure 19. THD vs. Frequency, 3 V rms
100
80
60
40
20
–20
0
100
80
60
40
20
–20
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
±15V
3V, 0V
Figure 20. Open-Loop Gain and Phase vs. Frequency
1k
100
10
1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 21. Input Voltage Noise Spectral Density vs. Frequency
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 22. Power Supply Rejection vs. Frequency
30
25
20
15
10
5
0
1k
3k
10k
30k
100k
300k
1M
INPUT FREQUENCY (Hz)
Figure 23. Large Signal Frequency Response
Rev. E | Page 10 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com