Electronic Components Datasheet Search
  English  ▼

X  

AD9744 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9744
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9744 Datasheet HTML 24Page - Analog Devices AD9744 Datasheet HTML 25Page - Analog Devices AD9744 Datasheet HTML 26Page - Analog Devices AD9744 Datasheet HTML 27Page - Analog Devices AD9744 Datasheet HTML 28Page - Analog Devices AD9744 Datasheet HTML 29Page - Analog Devices AD9744 Datasheet HTML 30Page - Analog Devices AD9744 Datasheet HTML 31Page - Analog Devices AD9744 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Data Sheet
AD9744
Rev. C | Page 31 of 32
Figure 60. 32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
5 mm × 5 mm Body, Very Very Thin Quad
(CP-32-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Options
AD9744AR
−40°C to +85°C
28-Lead, 300-Mil SOIC_W
RW-28
AD9744ARZ
−40°C to +85°C
28-Lead, 300-Mil SOIC_W
RW-28
AD9744ARZRL
−40°C to +85°C
28-Lead, 300-Mil SOIC_W
RW-28
AD9744ARU
−40°C to +85°C
28-Lead TSSOP
RU-28
AD9744ARURL7
−40°C to +85°C
28-Lead TSSOP
RU-28
AD9744ARUZ
−40°C to +85°C
28-Lead TSSOP
RU-28
AD9744ARUZRL7
−40°C to +85°C
28-Lead TSSOP
RU-28
AD9744ACPZ
−40°C to +85°C
32-Lead LFCSP_WQ
CP-32-7
AD9744ACPZRL7
−40°C to +85°C
32-Lead LFCSP_WQ
CP-32-7
AD9744-EBZ
Evaluation Board (SOIC)
AD9744ACP-PCBZ
Evaluation Board (LFCSP)
1
Z = RoHS Compliant Part.
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
EXPOSED
PAD
PIN 1
INDICATOR
3.25
3.10 SQ
2.95
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.50
0.40
0.30
0.25 MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com