Electronic Components Datasheet Search
  English  ▼

X  

AD9744 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9744
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9744 Datasheet HTML 2Page - Analog Devices AD9744 Datasheet HTML 3Page - Analog Devices AD9744 Datasheet HTML 4Page - Analog Devices AD9744 Datasheet HTML 5Page - Analog Devices AD9744 Datasheet HTML 6Page - Analog Devices AD9744 Datasheet HTML 7Page - Analog Devices AD9744 Datasheet HTML 8Page - Analog Devices AD9744 Datasheet HTML 9Page - Analog Devices AD9744 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9744
Data Sheet
Rev. C | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
With
Respect to
Min
Max
Unit
AVDD
ACOM
−0.3
+3.9
V
DVDD
DCOM
−0.3
+3.9
V
CLKVDD
CLKCOM
−0.3
+3.9
V
ACOM
DCOM
−0.3
+0.3
V
ACOM
CLKCOM
−0.3
+0.3
V
DCOM
CLKCOM
−0.3
+0.3
V
AVDD
DVDD
−3.9
+3.9
V
AVDD
CLKVDD
−3.9
+3.9
V
DVDD
CLKVDD
−3.9
+3.9
V
CLOCK, SLEEP
DCOM
−0.3
DVDD + 0.3
V
Digital Inputs,
MODE
DCOM
−0.3
DVDD + 0.3
V
IOUTA, IOUTB
ACOM
−1.0
AVDD + 0.3
V
REFIO, REFLO, FS
ADJ
ACOM
−0.3
AVDD + 0.3
V
CLK+, CLK−,
CMODE
CLKCOM
−0.3
CLKVDD +
0.3
V
Junction
Temperature
150
°C
Storage
Temperature
−65
+150
°C
Lead Temperature
(10 sec)
300
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Thermal impedance measurements were taken on a 4-layer
board in still air, in accordance with EIA/JESD51-7.
Table 5. Thermal Resistance
Package Type
θJA
Unit
28-Lead 300-Mil SOIC
55.9
°C/W
28-Lead TSSOP
67.7
°C/W
32-Lead LFCSP
32.5
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com