Electronic Components Datasheet Search
  English  ▼

X  

AD9744 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9744
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9744 Datasheet HTML 14Page - Analog Devices AD9744 Datasheet HTML 15Page - Analog Devices AD9744 Datasheet HTML 16Page - Analog Devices AD9744 Datasheet HTML 17Page - Analog Devices AD9744 Datasheet HTML 18Page - Analog Devices AD9744 Datasheet HTML 19Page - Analog Devices AD9744 Datasheet HTML 20Page - Analog Devices AD9744 Datasheet HTML 21Page - Analog Devices AD9744 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9744
Data Sheet
Rev. C | Page 18 of 32
The differential circuit shown in Figure 36 provides the necessary
level shifting required in a single-supply system. In this case,
AVDD, which is the positive analog supply for both the AD9744
and the op amp, is also used to level-shift the differential output
of the AD9744 to midsupply (that is, AVDD/2). The AD8041 is
a suitable op amp for this application.
Figure 36. Single-Supply DC Differential Coupled Circuit
SINGLE-ENDED UNBUFFERED VOLTAGE OUTPUT
Figure 37 shows the AD9744 configured to provide a unipolar
output range of approximately 0 V to 0.5 V for a doubly terminated
50 Ω cable since the nominal full-scale current, IOUTFS, of 20 mA
flows through the equivalent RLOAD of 25 Ω. In this case, RLOAD
represents the equivalent load resistance seen by IOUTA or
IOUTB. The unused output (IOUTA or IOUTB) can be connected
to ACOM directly or via a matching RLOAD. Different values of
IOUTFS and RLOAD can be selected as long as the positive compliance
range is adhered to. One additional consideration in this mode
is the integral nonlinearity (INL), discussed in the Analog
Outputs section. For optimum INL performance, the single-
ended, buffered voltage output configuration is suggested.
Figure 37. 0 V to 0.5 V Unbuffered Voltage Output
SINGLE-ENDED, BUFFERED VOLTAGE OUTPUT
CONFIGURATION
Figure 38 shows a buffered single-ended output configuration
in which the op amp U1 performs an I-V conversion on the
AD9744 output current. U1 maintains IOUTA (or IOUTB) at a
virtual ground, minimizing the nonlinear output impedance
effect on the DAC’s INL performance as described in the Analog
Outputs section. Although this single-ended configuration
typically provides the best dc linearity performance, its ac
distortion performance at higher DAC update rates may be
limited by U1’s slew rate capabilities. U1 provides a negative
unipolar output voltage, and its full-scale output voltage is
simply the product of RFB and IOUTFS. The full-scale output
should be set within U1’s voltage output swing capabilities by
scaling IOUTFS and/or RFB. An improvement in ac distortion
performance may result with a reduced IOUTFS since the signal
current U1 will be required to sink less signal current.
Figure 38. Unipolar Buffered Voltage Output
POWER AND GROUNDING CONSIDERATIONS,
POWER SUPPLY REJECTION
Many applications seek high speed and high performance under
less than ideal operating conditions. In these application circuits,
the implementation and construction of the printed circuit
board is as important as the circuit design. Proper RF techniques
must be used for device selection, placement, and routing as
well as power supply bypassing and grounding to ensure
optimum performance. Figure 43 to Figure 46 illustrate the
recommended printed circuit board ground, power, and signal
plane layouts implemented on the AD9744 evaluation board.
One factor that can measurably affect system performance is
the ability of the DAC output to reject dc variations or ac noise
superimposed on the analog or digital dc power distribution.
This is referred to as the power supply rejection ratio (PSRR).
For dc variations of the power supply, the resulting performance
of the DAC directly corresponds to a gain error associated with
the DAC’s full-scale current, IOUTFS. AC noise on the dc supplies
is common in applications where the power distribution is
generated by a switching power supply. Typically, switching
power supply noise will occur over the spectrum from tens of
kHz to several MHz. The PSRR vs. frequency of the AD9744
AVDD supply over this frequency range is shown in Figure 39.
Figure 39. Power Supply Rejection Ratio (PSRR) vs. Frequency
Note that the ratio in Figure 39 is calculated as amps out/volts
in. Noise on the analog power supply has the effect of modulating
the internal switches, and therefore the output current. The
voltage noise on AVDD, therefore, will be added in a nonlinear
manner to the desired IOUT. Due to the relative different size of
AD9744
IOUTA
IOUTB
COPT
500
Ω
225
Ω
225
Ω
1k
Ω
25
Ω
25
Ω
AD8041
1k
Ω
AVDD
22
21
AD9744
IOUTA
IOUTB
50
Ω
25
Ω
VOUTA = 0V TO 0.5V
IOUTFS = 20mA
50
Ω
22
21
AD9744
IOUTA
IOUTB
COPT
200
Ω
U1
VOUT = IOUTFS × RFB
IOUTFS = 10mA
RFB
200
Ω
22
21
FREQUENCY (MHz)
85
40
12
6
8
10
0
80
75
70
65
60
55
50
2
4
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com