Electronic Components Datasheet Search
  English  ▼

X  

GL7X1AX-SF Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # GL7X1AX-SF
Description  Combination Antenna - 5G Cellular, Wi-Fi and GNSS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

GL7X1AX-SF Datasheet(HTML) 1 Page - PCTEL, Inc.

  GL7X1AX-SF Datasheet HTML 1Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 2Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 3Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 4Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Coach™ II Permanent Mount
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
Dual carrier GNSS multiband
antennas with 600 MHz to
6 GHz frequencies, 5G and
4G LTE with 802.11ax and
802.11ac MIMO connectivity.
Meets EN 50155:2007
requirements for rail and
transit installations.
Description
Technologies
• Dual LTE
• Wi-Fi
• GNSS
• 5G
• MIMO
• Compatible with the world’s leading
multi-carrier cellular routers
• Superior out-of-band rejection
• Easy installation and/or replacement
• Withstands severe environmental
conditions
• EN 50155:2007; AAR compliant
Features
DATASHEET
GL9X1AX-SF, GL7X1AX-SF, GL4X4-SF-PLK, GL6X1AX-SF
DATASHEET
COMBINATION ANTENNAS


Similar Part No. - GL7X1AX-SF

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
GL7X1-IOTCM-5FT PCTEL-GL7X1-IOTCM-5FT Datasheet
342Kb / 2P
Cabinet Mount GNSS Multi-Band Antenna, Multi-Port LTE and 802.11ac MIMO
More results

Similar Description - GL7X1AX-SF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA520ABC008 ETC2-MA520ABC008 Datasheet
2Mb / 22P
2in1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna
logo
Broadcom Corporation.
ACFM-W1G7 BOARDCOM-ACFM-W1G7 Datasheet
189Kb / 2P
Mid/High Cellular Bands, Wi-Fi, GNSS Triplexer
logo
World Produts Inc.
WPANT10045 WPI-WPANT10045 Datasheet
119Kb / 2P
3G Cellular / Wi-Fi Embedded Antenna
WPANT30136 WPI-WPANT30136 Datasheet
110Kb / 2P
3G Cellular, Wi-Fi and GPS Combo Antenna
logo
TE Connectivity Ltd
2195851-1 TEC-2195851-1 Datasheet
1Mb / 10P
METASPAN 5G/4G/3G/2G, NB-IoT, Cat-M, GNSS, Wi-Fi 6E WORLD BAND COMBINATION ANTENNA
2195852-1 TEC-2195852-1 Datasheet
852Kb / 8P
METASPAN 5G/4G/3G/2G, NB-IoT, Cat-M, GNSS, Wi-Fi 6 WORLD BAND COMBINATION ANTENNA
logo
Qorvo, Inc
QM28011 QORVO-QM28011 Datasheet
1Mb / 20P
MHB, 2.4G Wi-Fi, and UHB/5G Wi-Fi 6E Antenna Triplexer
logo
PCTEL, Inc.
GLHPDLTEMIMO-LT PCTEL-GLHPDLTEMIMO-LT Datasheet
472Kb / 5P
Combination Antenna - GNSS, 5G Cellular and WiFi
2021
logo
TE Connectivity Ltd
VPJ69595B TEC-VPJ69595B Datasheet
7Mb / 12P
“Trigger” 5-Port Under-Dash Antenna Cellular/Wi-Fi/GNSS
11/21
VQJ69595B TEC-VQJ69595B Datasheet
6Mb / 14P
“Trigger” 4-Port Under-Dash Antenna Cellular/Wi-Fi/GNSS
11/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com