Electronic Components Datasheet Search
  English  ▼

X  

GL7X1AX-SF Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # GL7X1AX-SF
Description  Combination Antenna - 5G Cellular, Wi-Fi and GNSS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

GL7X1AX-SF Datasheet(HTML) 3 Page - PCTEL, Inc.

  GL7X1AX-SF Datasheet HTML 1Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 2Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 3Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 4Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Coach™ II Permanent Mount
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
3
SPECIFICATIONS
> pctel.com/antenna-products
Model
Elements
Cable
Connector
Mount
GL9X1AX-SF
LTE (All Ports)
Wi-Fi (All Ports)
GNSS
Four-17 feet (2-ft RG-316/15-ft Pro-Flex™ Plus 195)
Four-17 feet (2-ft RG-316/15-ft Pro-Flex™ Plus 195)
One-17 feet RG-316
SMA Plug (Male)
Reverse Polarity SMA Plug (Male)
SMA Plug (Male)
1-inch OD,
3/4-inch long (.75”)
zinc stud mount with
jam nut (all models)
GL7X1AX-SF
LTE (All Ports)
Wi-Fi (All Ports)
GNSS
Four-17 feet (2-ft RG-316/15-ft Pro-Flex™ Plus 195)
Two-17 feet (2-ft RG-316/15-ft Pro-Flex Plus 195)
One-17 feet RG-316
SMA Plug (Male)
Reverse Polarity SMA Plug (Male)
SMA Plug (Male)
GL4X4-SF-PLK
LTE (All Ports)
GNSS
Four-17 feet (2-ft RG-316/15-ft Pro-Flex™ Plus 195)
One-17 feet RG-316
SMA Plug (Male)
SMA Plug (Male)
GL6X1AX-SF1
LTE (All Ports)
Wi-Fi (All Ports)
GNSS
Two-17 feet (2-ft RG-316/15-ft Pro-Flex™ Plus 195)
Three-17 feet (2-ft RG-316/15-ft Pro-Flex™ Plus 195)
One-17 feet RG-316
SMA Plug (Male)
Reverse Polarity SMA Plug (Male)
SMA Plug (Male)
F1
(MHz)
F2
(MHz)
SWR2
Gain (dB)3
Efficiency3
Polarization
Nominal
Impedance
Maximum
Power
Max Typical Range (±)
Avg
Range (±)
LTE Primary (1&3)
617
698
2.5
-0.2
-0.9
0.7
33%
3%
Linear
50 ohms
50 watts
698
802
1.9
1.1
-0.3
1.4
34%
6%
824
960
2.0
2.1
0.6
1.6
36%
4%
1710
2200
1.6
4.4
2.6
1.9
31%
3%
2300
2690
1.4
4.8
2.7
2.1
29%
2%
3400
3800
1.4
4.7
2.5
2.2
26%
1%
5150
5950
1.3
5.8
1.9
3.9
16%
3%
LTE Secondary (2&4)
617
698
3.4
-1.4
-3.0
1.6
16%
8%
Linear
50 ohms
50 watts
733
802
2.0
0.0
-1.0
0.9
31%
4%
824
960
2.7
0.0
-1.6
1.5
28%
8%
1805
2200
1.6
1.7
0.9
0.8
29%
4%
2300
2690
2.0
1.5
-0.5
2.0
20%
6%
3400
3800
1.9
2.2
0.4
1.8
20%
3%
5150
5950
1.4
2.6
1.3
1.4
16%
1%
Wi-Fi
2400
2500
1.3
9.1
7.2
1.9
74%
4%
Linear
50 ohms
50 watts
4900
5900
1.5
11.4
9.1
2.3
59%
14%
Standard Configurations
Electrical Specifications – RF Antennas
1
This model is not dual carrier and only includes two primary LTE ports.
2
Gain and efficiency measured with no cable and no ground plane.
3
SWR measured with 17-ft cables and no ground plane.
4500
4900
1.35
0.96
0.39
1.5
18.5%
3%
4500
4900
1.45
0.67
-0.34
1.5
15%
3%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com