Electronic Components Datasheet Search
  English  ▼

X  

GL7X1AX-SF Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # GL7X1AX-SF
Description  Combination Antenna - 5G Cellular, Wi-Fi and GNSS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

GL7X1AX-SF Datasheet(HTML) 2 Page - PCTEL, Inc.

  GL7X1AX-SF Datasheet HTML 1Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 2Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 3Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 4Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Coach™ II Permanent Mount
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
2
Coach™ II Permanent Mount
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
The Coach™ II dual-carrier antenna platform supports the high speed requirements of complex
RF communication systems used for Intelligent Transportation Systems (ITS) and Industrial IoT
applications. These low-profile, high endurance antennas feature four 5G elements compatible
with the world’s leading multi-carrier cellular routers that support 600 MHz to 6 GHz frequencies.
The platform also incorporates 802.11ax Wi-Fi MIMO connectivity, with four dual band 2.4/5 GHz
Wi-Fi elements supporting DSRC 5.99 GHz applications. In addition, PCTEL’s proprietary high-
rejection multi-GNSS technology is included for high precision tracking and asset management.
The platform meets EN 50155:2007 and AAR requirements for ITS rail and roadway applications.
Features
• Wideband coverage – 4G LTE, 5G and dual-band 802.11ac Wi-Fi coverage in a single, low-profile housing
• Superior out-of-band rejection – Proprietary filtering design allows wideband coverage for all GNSS frequencies
• Easy installation and/or replacement – Metal stud mount with slotted jam nut provides single cable exit
• Withstands severe environmental conditions – IP67 compliant design with overmolded gasket protects against water or dust
ingress (when installed on sealed surface)
• Meets EN 50155:2007 and AAR certification requirements for rail applications
Certifications
SPECIFICATIONS
> pctel.com/antenna-products



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com