Electronic Components Datasheet Search
  English  ▼

X  

GL7X1AX-SF Datasheet(PDF) 4 Page - PCTEL, Inc.

Part # GL7X1AX-SF
Description  Combination Antenna - 5G Cellular, Wi-Fi and GNSS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

GL7X1AX-SF Datasheet(HTML) 4 Page - PCTEL, Inc.

  GL7X1AX-SF Datasheet HTML 1Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 2Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 3Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 4Page - PCTEL, Inc. GL7X1AX-SF Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Coach™ II Permanent Mount
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
4
SPECIFICATIONS
> pctel.com/antenna-products
Electrical Specifications – RF Antennas (continued)
Electrical Specifications – GNSS Antenna
Specification
Measurement
Frequency Band
1565-1608 MHz
Amplifier Gain
@ 3.0 VDC: 26 dB (typical)
Output VSWR
2.0:1 (maximum)
DC Current
25 mA (typical)
DC Voltage
2.8-6.0 V (operating)
≤ 12.0 V (survivability)
Noise Figure
< 2.0 dB (typical)
Out-of-Band Rejection
f0 = 1586 MHz
f0 ± 50 MHz: ≥ 60 dBc
f0 ± 60 MHz: ≥ 70 dBc
Nominal Gain
3 dBic @ 90°
-2 dBic @ 20°
Polarization
Right hand circular
Nominal Impedance
50 ohms
All Models
Dimensions (L x W x H)
6.93 L x 6.09 W x 3.01 H in
(176.0 x 154.8 x 76.5 mm)
Weight (9 ports)
4.8 lbs
(2.2 kg)
Housing Material
Black or White5, UV-Stable Rugged Thermoplastics
Temperature Range
-40°C to +85°C
Gasket Design & Construction
Contour matching, conformable, thermoplastic-elastomer gasket designed to seal between radome and baseplate. Gasket
flexes and conforms to contoured surfaces. Baseplate has a 3M® VHB mounting pad for anti-rotation.
Mechanical and Environmental Specifications
Minimum Isolation (dB)4
Elements
LTE Primary (1&2)
LTE Primary (1&2)
Wi-Fi
LTE Primary (1&3)
617-960 MHz
14.0
698-960 MHz
14.0
698-960 MHz
20.0
1.71-2.7 GHz
25.0
1.71-2.7 GHz
25.0
1.71-2.7 GHz
17.0
3.3-3.59 GHz
35.0
3.3-3.59 GHz
27.0
3.3-5.9 GHz
35.0
LTE Secondary (2&4)
698-960 MHz
18.0
698-960 MHz
22.0
1.71-2.7 GHz
30.0
1.71-2.7 GHz
16.0
3.3-3.59 GHz
32.0
4.9-5.9 GHz
32.0
Wi-Fi
2.4-2.5 GHz
25.0
4.9-5.9 GHz
32.0
4
Isolation measured with 17-ft cables and no ground plane.
5
For black radome, order P/N GL9X1AX-SF; for white radome, order P/N GL9X1AX-SFW.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com