Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 38Page - Texas Instruments CC1352P Datasheet HTML 39Page - Texas Instruments CC1352P Datasheet HTML 40Page - Texas Instruments CC1352P Datasheet HTML 41Page - Texas Instruments CC1352P Datasheet HTML 42Page - Texas Instruments CC1352P Datasheet HTML 43Page - Texas Instruments CC1352P Datasheet HTML 44Page - Texas Instruments CC1352P Datasheet HTML 45Page - Texas Instruments CC1352P Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
10 Application, Implementation, and Layout
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
For general design guidelines and hardware configuration guidelines, refer to CC13xx/CC26xx Hardware
Configuration and PCB Design Considerations Application Report.
10.1 Reference Designs
The following reference designs should be followed closely when implementing designs using the CC2642R-Q1
device.
Special attention must be paid to RF component placement, decoupling capacitors and DC/DC regulator
components, as well as ground connections for all of these.
CC26x2REM-7ID-Q1 Design
Files
The CC26x2REM-7ID-Q1 reference design provides schematic, layout
and production files for the characterization board used for deriving the
performance number found in this document.
LAUNCHXL-CC26X2R1
Design Files
The CC26X2R LaunchPad Design Files contain detailed schematics and
layouts to build application specific boards using the CC2642R-Q1 device.
Sub-1 GHz and 2.4
GHz Antenna Kit for
LaunchPad™ Development Kit
and SensorTag
The antenna kit allows real-life testing to identify the optimal antenna for your
application. The antenna kit includes 16 antennas covering frequencies from
169 MHz to 2.4 GHz, including:
• PCB antennas
• Helical antennas
• Chip antennas
• Dual-band antennas for 868 MHz and 915 MHz combined with 2.4 GHz
The antenna kit includes a JSC cable to connect to the Wireless MCU
LaunchPad Development Kits and SensorTags.
CC2642R-Q1
SWRS229B – JANUARY 2020 – REVISED JUNE 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2642R-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com