Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 18Page - Texas Instruments CC1352P Datasheet HTML 19Page - Texas Instruments CC1352P Datasheet HTML 20Page - Texas Instruments CC1352P Datasheet HTML 21Page - Texas Instruments CC1352P Datasheet HTML 22Page - Texas Instruments CC1352P Datasheet HTML 23Page - Texas Instruments CC1352P Datasheet HTML 24Page - Texas Instruments CC1352P Datasheet HTML 25Page - Texas Instruments CC1352P Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
8.12.2 DAC
8.12.2.1 Digital-to-Analog Converter (DAC) Characteristics
Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
General Parameters
Resolution
8
Bits
VDDS
Supply voltage
Any load, any VREF, pre-charge OFF, DAC charge-pump ON
1.8
3.63
V
Any load, VREF = DCOUPL, pre-charge ON
2.6
3.63
FDAC
Clock frequency
Buffer OFF (internal load)
16
1000
kHz
Voltage output settling time
VREF = VDDS, buffer OFF, internal load
13
1 / FDAC
Internal Load - Continuous Time Comparator / Low Power Clocked Comparator
DNL
Differential nonlinearity
VREF = VDDS,
load = Continuous Time Comparator or Low Power Clocked
Comparator
FDAC = 250 kHz
±1
LSB(1)
Differential nonlinearity
VREF = VDDS,
load = Continuous Time Comparator or Low Power Clocked
Comparator
FDAC = 16 kHz
±1.2
Offset error(2)
Load = Continuous Time
Comparator
VREF = VDDS= 3.63 V
±0.67
LSB(1)
VREF = VDDS= 3.0 V
±0.81
VREF = VDDS = 1.8 V
±1.27
VREF = DCOUPL, pre-charge ON
±3.43
VREF = DCOUPL, pre-charge OFF
±2.88
Offset error(2)
Load = Low Power Clocked
Comparator
VREF = VDDS = 3.63 V
±0.77
LSB(1)
VREF = VDDS = 3.0 V
±0.77
VREF = VDDS= 1.8 V
±3.46
VREF = DCOUPL, pre-charge ON
±3.44
VREF = DCOUPL, pre-charge OFF
±4.70
Max code output voltage
variation(2)
Load = Continuous Time
Comparator
VREF = VDDS = 3.63 V
±1.61
LSB(1)
VREF = VDDS = 3.0 V
±1.71
VREF = VDDS= 1.8 V
±2.10
VREF = DCOUPL, pre-charge ON
±6.00
VREF = DCOUPL, pre-charge OFF
±3.85
Max code output voltage
variation(2)
Load = Low Power Clocked
Comparator
VREF =VDDS= 3.63 V
±2.92
LSB(1)
VREF =VDDS= 3.0 V
±3.06
VREF = VDDS= 1.8 V
±3.91
VREF = DCOUPL, pre-charge ON
±7.84
VREF = DCOUPL, pre-charge OFF
±4.06
Output voltage range(2)
Load = Continuous Time
Comparator
VREF = VDDS= 3.63 V, code 1
0.03
V
VREF = VDDS= 3.63 V, code 255
3.46
VREF = VDDS= 3.0 V, code 1
0.02
VREF = VDDS= 3.0 V, code 255
2.86
VREF = VDDS= 1.8 V, code 1
0.01
VREF = VDDS = 1.8 V, code 255
1.71
VREF = DCOUPL, pre-charge OFF, code 1
0.01
VREF = DCOUPL, pre-charge OFF, code 255
1.21
VREF = DCOUPL, pre-charge ON, code 1
1.27
VREF = DCOUPL, pre-charge ON, code 255
2.46
CC2642R-Q1
SWRS229B – JANUARY 2020 – REVISED JUNE 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2642R-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com