Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 3 Page - Texas Instruments

  CC1352P Datasheet HTML 1Page - Texas Instruments CC1352P Datasheet HTML 2Page - Texas Instruments CC1352P Datasheet HTML 3Page - Texas Instruments CC1352P Datasheet HTML 4Page - Texas Instruments CC1352P Datasheet HTML 5Page - Texas Instruments CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
4 Functional Block Diagram
Main CPU
Up to
352KB
Flash
with 8KB
Cache
Sensor Interface
cJTAG
Up to
80KB
SRAM
with Parity
256KB
ROM
Arm
®
Cortex
®-M4F
Processor
LDO, Clocks, and References
Optional DC/DC Converter
RF Core
Arm
®
Cortex
®-M0
Processor
DSP Modem
16KB
SRAM
ROM
Sensor Controller
2x Low-Power Comparator
12-bit ADC, 200 ks/s
Capacitive Touch IF
SPI-I
2C Digital Sensor IF
4KB SRAM
Time-to-Digital Converter
General Hardware Peripherals and Modules
4× 32-bit Timers
2× SSI (SPI)
Watchdog Timer
Temperature and
Battery Monitor
RTC
I
2C and I2S
2× UART
32 ch. µDMA
31 GPIOs
AES-256, SHA2-512
ECC, RSA
ADC
ADC
Digital PLL
48 MHz
71 µA/MHz (3.0 V)
2.4 GHz
TRNG
8-bit DAC
Figure 4-1. CC2642R-Q1 Block Diagram
www.ti.com
CC2642R-Q1
SWRS229B – JANUARY 2020 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CC2642R-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com