Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 4Page - Texas Instruments CC1352P Datasheet HTML 5Page - Texas Instruments CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Table 7-1. Signal Descriptions – RTC and RGZ Package (continued)
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
VDDR_RF
48
—
Power
1.7-V to 1.95-V supply, must be powered from the internal DC/DC
converter or the internal Global LDO(4) (2)
VDDS
44
—
Power
1.8-V to 3.63-V main chip supply(1)
VDDS2
13
—
Power
1.8-V to 3.63-V DIO supply(1)
VDDS3
22
—
Power
1.8-V to 3.63-V DIO supply(1)
VDDS_DCDC
34
—
Power
1.8-V to 3.63-V DC/DC converter supply
X48M_N
46
—
Analog
48-MHz crystal oscillator pin 1
X48M_P
47
—
Analog
48-MHz crystal oscillator pin 2
X32K_Q1
3
—
Analog
32-kHz crystal oscillator pin 1
X32K_Q2
4
—
Analog
32-kHz crystal oscillator pin 2
(1)
For more details, see the technical reference manual listed in Section 11.3.
(2)
Do not supply external circuitry from this pin.
(3)
If internal DC/DC converter is not used, this pin is supplied internally from the Global LDO.
(4)
If internal DC/DC converter is not used, this pin must be connected to VDDR for supply from the Global LDO.
7.3 Connections for Unused Pins and Modules
Table 7-2. Connections for Unused Pins
FUNCTION
SIGNAL NAME
PIN NUMBER
ACCEPTABLE PRACTICE(1)
PREFERRED
PRACTICE(1)
GPIO
DIO_n
5–12
14–21
26–32
36–43
NC or GND
NC
32.768-kHz crystal
X32K_Q1
3
NC
NC
X32K_Q2
4
DC/DC converter(2)
DCDC_SW
33
NC
NC
VDDS_DCDC
34
VDDS
VDDS
(1)
NC = No connect
(2)
When the DC/DC converter is not used, the inductor between DCDC_SW and VDDR can be removed. VDDR and VDDR_RF must still
be connected and the VDDR decoupling capacitor must be connected and moved close to VDDR.
CC2642R-Q1
SWRS229B – JANUARY 2020 – REVISED JUNE 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2642R-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com