Electronic Components Datasheet Search
  English  ▼

X  

ADSY8401 Datasheet(PDF) 9 Page - Analog Devices

Part # ADSY8401
Description  LCD Level Shifters with VCOM, NRS Buffers, and High Voltage Edge Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSY8401 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSY8401 Datasheet HTML 5Page - Analog Devices ADSY8401 Datasheet HTML 6Page - Analog Devices ADSY8401 Datasheet HTML 7Page - Analog Devices ADSY8401 Datasheet HTML 8Page - Analog Devices ADSY8401 Datasheet HTML 9Page - Analog Devices ADSY8401 Datasheet HTML 10Page - Analog Devices ADSY8401 Datasheet HTML 11Page - Analog Devices ADSY8401 Datasheet HTML 12Page - Analog Devices ADSY8401 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADSY8401
Rev. 0 | Page 9 of 16
LEVEL SHIFTER CHARACTERISTICS
LEVEL SHIFTER TIMING CHARACTERISTICS
DI1
DI2
DI3
DI4
DI5
DI6
DI7
DI8
DO1
DO2
DO3
DO4
DO5
DO6
DO7
DO8
INVERTING
DI9
DI10
DI11
DO9T
DO10T
DO11T
DO9C
DO10C
DO11C
COMPLEMENTARY
Figure 6. Level Shifter Timing Characteristics
INVERTING AND COMPLEMENTARY LEVEL SHIFTER TIMING
INPUTS
INVERTING
OUTPUTS
NONINVERTING
OUTPUTS
t14
t13
t12
t11
t15
t17
t16
t18
Figure 7. Inverting and Complementary Level Shifter Timing
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
LEVEL SHIFTER SECTION
TA min to TA max
Output Rise, Fall Times, tr, tf
DO1–DO8, DO9T–DO11T, DO9C–DO11C
CL = 40 pF
20
30
ns
DO1–DO8
CL = 300 pF
130
150
ns
Propagation Delay times, t11, t12, t13, t14
DO1–DO8, DO9T–DO11T, DO9C–DO11C
CL = 40 pF
23
50
ns
DO1–DO8
CL = 300 pF
60
80
ns
Propagation Delay Skew, t15, t16
CL = 40 pF
DO1–DO8
2
ns
Propagation Delay Skew, t15, t16, t17, t18
CL = 40 pF
DO1–DO8 to DO9T–DO11T and DO9C–DO11C
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com