Electronic Components Datasheet Search
  English  ▼

X  

ADSY8401 Datasheet(PDF) 10 Page - Analog Devices

Part # ADSY8401
Description  LCD Level Shifters with VCOM, NRS Buffers, and High Voltage Edge Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSY8401 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSY8401 Datasheet HTML 6Page - Analog Devices ADSY8401 Datasheet HTML 7Page - Analog Devices ADSY8401 Datasheet HTML 8Page - Analog Devices ADSY8401 Datasheet HTML 9Page - Analog Devices ADSY8401 Datasheet HTML 10Page - Analog Devices ADSY8401 Datasheet HTML 11Page - Analog Devices ADSY8401 Datasheet HTML 12Page - Analog Devices ADSY8401 Datasheet HTML 13Page - Analog Devices ADSY8401 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADSY8401
Rev. 0 | Page 10 of 16
LEVEL SHIFTING EDGE DETECTOR TIMING CHARACTERISTICS
DTCTI
DTCTO
R
S
Figure 8. Level Shifting Edge Detector Timing Characteristics
LEVEL SHIFTING EDGE DETECTOR TIMING
DTCTI
DTCTO
AVCCL
AGNDL
DVCC
DGND
t19
t20
Figure 9. Level Shifting Edge Detector Timing
Table 5.
Parameter
Conditions
Min
Typ
Max
Unit
LEVEL SHIFTING EDGE DECTECTOR
CL = 10 pF
Input Low Voltage, VIL
AGND + 1.5
V
Input High Voltage, VIH
AVCC − 1.5
V
Input Rising Edge Threshold Voltage, VTH LH
AGND + 3
V
Input Falling Edge Threshold Voltage, VTH HL
AVCC − 3
V
Output High Voltage, VOH
DVCC − 0.5
DVCC − 0.25
V
Output Low Voltage, VOL
0.25
0.5
V
Input Current High State, IIH
1.2
2.5
µA
Input Current, IIL
−2.5
−1.2
µA
Input Rising Edge Propagation Delay Time, t19
15.5
ns
Input Falling Edge Propagation Delay Time, t20
16.5
ns
t20 Variation with Temperature,
∆t
20
TA = 25°C to 85°C
2
ns
Output Rise, Fall Time, tr
6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com