Electronic Components Datasheet Search
  English  ▼

X  

ADSY8401 Datasheet(PDF) 14 Page - Analog Devices

Part # ADSY8401
Description  LCD Level Shifters with VCOM, NRS Buffers, and High Voltage Edge Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSY8401 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADSY8401 Datasheet HTML 8Page - Analog Devices ADSY8401 Datasheet HTML 9Page - Analog Devices ADSY8401 Datasheet HTML 10Page - Analog Devices ADSY8401 Datasheet HTML 11Page - Analog Devices ADSY8401 Datasheet HTML 12Page - Analog Devices ADSY8401 Datasheet HTML 13Page - Analog Devices ADSY8401 Datasheet HTML 14Page - Analog Devices ADSY8401 Datasheet HTML 15Page - Analog Devices ADSY8401 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADSY8401
Rev. 0 | Page 14 of 16
POWER SUPPLY SEQUENCING
As indicated in the Absolute Maximum Ratings section, the
voltage at any input pin cannot exceed its supply voltage by
more than 0.5 V. To ensure compliance with the absolute
maximum ratings, power-up and power-down sequencing
might be required.
During power-up, initial application of nonzero voltages to any
of the input pins must be delayed until the supply voltage ramps
up to at least the highest maximum operational input voltage.
During power-down, the voltage at any input pin must reach
zero during a period not exceeding the hold-up time of the
power supply.
Failure to comply with the absolute maximum ratings may
result in functional failure or damage to the internal ESD
diodes. Damaged ESD diodes can cause temporary parametric
failures, which can result in image artifacts. Damaged ESD
diodes cannot provide full ESD protection, reducing reliability.
Power-on sequence:
1.
Apply power to supplies.
2.
Apply inputs.
Power-off sequence:
1.
Remove signal from inputs.
2.
Remove power from supplies.
Power-Off Sequencing Using the GSW Pin
In certain designs it is desirable to pull the amplifier, buffer, and
level shifter outputs to near ground during power-down.
Power-off sequence with GSW:
1.
Apply low to the GSW pin.
2.
Apply high to all level shifter input pins.
3.
Pull the MUXA, MUXB, AMPI, and BFRI inputs to AGND.
4.
Remove AVCC.
5.
Remove DVCC.
LAYOUT CONSIDERATIONS
The ADSY8401 is a mixed-signal, high speed, high accuracy
device. To fully realize its specifications, it is essential to use a
properly designed printed circuit board.
Layout and Grounding
The analog outputs and the digital inputs of the ADSY8401 are
on opposite sides of the package. Keep these sections separated
to minimize crosstalk and coupling of digital inputs into the
analog outputs.
All signal trace lengths should be made as short and direct as
possible to prevent signal degradation due to parasitic effects.
Note that a digital signal should not cross or be routed near
analog signals.
It is imperative to provide a solid analog ground plane under
and around the ADSY8401. All ground pins of the part should
be connected directly to this ground plane with no extra signal
path length. This includes AGND, AGNDL, and DGND. The
return traces for any of the signals should be routed close to the
ground pin for that section to prevent stray signals from
coupling into other ground pins.
Power Supply Bypassing
All power supply pins of the ADSY8401 must be properly
bypassed to the analog ground plane for optimum performance.
TOTAL POWER DISSIPATION
The total power dissipation of the ADSY8401 has three
components:
• Quiescent power dissipation when all digital inputs are low.
• Dynamic power dissipation due to the capacitance of
the LCD (typical CL = 200 pF for all the NRG control inputs,
CL = 40 pF for all other control inputs).
• Average power dissipation due to the toggling inputs.
When DI1–DI11 are at digital low, the quiescent power dissipa-
tion of the ADSY8401 is 576 mW. When DI1–DI11 are at digital
high, the quiescent power dissipation is 771 mW.
The typical dynamic power dissipation of each of the three
ADSY8401, due to the capacitance of the LCD, is 155 mW in a
typical 60 Hz XGA system, shown in Figure 10. It is 304 mW
and 153 mW, respectively, for the two ADSY8401s in the 60 Hz
XGA system shown in Figure 11.
The average power dissipation of each of the three ADSY8401
due to DI1–DI11 toggling is 23 mW in the system shown in
Figure 10. It is 32 mW and 22 mW, respectively, for the two
ADSY8401 in the system shown in Figure 11.
The total power dissipation of each of the three ADSY8401 in
the XGA system, shown in Figure 10, is 754 mW.
The total power dissipation of the two ADSY8401s in the XGA
system, shown in Figure 12, is 912 mW and 751 mW,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com