Electronic Components Datasheet Search
  English  ▼

X  

LM555J/883 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM555J/883
Description  LM555QML Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM555J/883 Datasheet(HTML) 3 Page - Texas Instruments

  LM555J/883 Datasheet HTML 1Page - Texas Instruments LM555J/883 Datasheet HTML 2Page - Texas Instruments LM555J/883 Datasheet HTML 3Page - Texas Instruments LM555J/883 Datasheet HTML 4Page - Texas Instruments LM555J/883 Datasheet HTML 5Page - Texas Instruments LM555J/883 Datasheet HTML 6Page - Texas Instruments LM555J/883 Datasheet HTML 7Page - Texas Instruments LM555J/883 Datasheet HTML 8Page - Texas Instruments LM555J/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LM555QML
www.ti.com
SNOSAP2C – AUGUST 2005 – REVISED APRIL 2013
Table 1. QUALITY CONFORMANCE INSPECTION
Subgroup
Description
Temp °C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
ELECTRICAL CHARACTERISTICS- DC PARAMETERS
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
+5V
≤ VCC ≤ +15V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
ICCL
Supply Current Low State
VCC = 5V, RL = ∞
5.0
mA
1
VCC = 15V, RL = ∞
12.0
mA
1
VCC = 18V, RL = ∞,
18.5
mA
1
V2 = V6 = 18V
IL7
Leakage Current Pin 7
VCC = 18V, V7 = 18V,
100
nA
1
V2 = V6 = 0
VSat
Saturation Voltage Pin 7
VCC = 15V, I7 = 15mA,
See (1)
240
mV
1
V2 = V6 = 12V
VCC = 4.5V, I7 = 4.5mA
See (1)
80
mV
1
VCO
Control Voltage
VCC = 5V,
2.9
3.8
V
1, 2, 3
V2 = V6 = 4V
VCC = 15V,
9.6
10.4
V
1, 2, 3
V2 = V6 = 12V
VTh
Threshold Voltage
9.5
10.5
V
1
ITh
Threshold Current
V6 = VTh, V2 = 7.5V,
See (2)
250
nA
1
VTh = VTh Test Measured Value
ITrig
Trigger Current
V2 = 0
500
nA
1
VTrig
Trigger Voltage
VCC = 15V
4.8
5.2
V
1
3.0
6.0
V
2, 3
VCC = 5V
See (3)
1.45
1.9
V
1, 2, 3
IReset
Reset Current
V2 = V6 = Gnd
0.4
mA
1
VReset
Reset Voltage
0.4
1.0
V
1
(1)
No protection against excessive pin 7 current is necessary providing the package dissipation rating will not be exceeded.
(2)
This will determine the maximum value of RA + RB for 15V operation. The maximum total (RA + RB) is 20MΩ.
(3)
Ensured by tests at VCC = 15V.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM555QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com