Electronic Components Datasheet Search
  English  ▼

X  

LM555J/883 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM555J/883
Description  LM555QML Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM555J/883 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM555J/883 Datasheet HTML 6Page - Texas Instruments LM555J/883 Datasheet HTML 7Page - Texas Instruments LM555J/883 Datasheet HTML 8Page - Texas Instruments LM555J/883 Datasheet HTML 9Page - Texas Instruments LM555J/883 Datasheet HTML 10Page - Texas Instruments LM555J/883 Datasheet HTML 11Page - Texas Instruments LM555J/883 Datasheet HTML 12Page - Texas Instruments LM555J/883 Datasheet HTML 13Page - Texas Instruments LM555J/883 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LM555QML
SNOSAP2C – AUGUST 2005 – REVISED APRIL 2013
www.ti.com
FREQUENCY DIVIDER
The monostable circuit of Figure 13 can be used as a frequency divider by adjusting the length of the timing
cycle. Figure 19 shows the waveforms generated in a divide by three circuit.
VCC = 5V
Top Trace: Input 4V/Div.
TIME = 20
μs/DIV.
Middle Trace: Output 2V/Div.
RA = 9.1kΩ
Bottom Trace: Capacitor 2V/Div.
C = 0.01
μF
Figure 19. Frequency Divider
PULSE WIDTH MODULATOR
When the timer is connected in the monostable mode and triggered with a continuous pulse train, the output
pulse width can be modulated by a signal applied to pin 5. Figure 20 shows the circuit, and in Figure 21 are
some waveform examples.
Figure 20. Pulse Width Modulator
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM555QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com