Electronic Components Datasheet Search
  English  ▼

X  

LM555J/883 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM555J/883
Description  LM555QML Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM555J/883 Datasheet(HTML) 4 Page - Texas Instruments

  LM555J/883 Datasheet HTML 1Page - Texas Instruments LM555J/883 Datasheet HTML 2Page - Texas Instruments LM555J/883 Datasheet HTML 3Page - Texas Instruments LM555J/883 Datasheet HTML 4Page - Texas Instruments LM555J/883 Datasheet HTML 5Page - Texas Instruments LM555J/883 Datasheet HTML 6Page - Texas Instruments LM555J/883 Datasheet HTML 7Page - Texas Instruments LM555J/883 Datasheet HTML 8Page - Texas Instruments LM555J/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM555QML
SNOSAP2C – AUGUST 2005 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS- DC PARAMETERS (continued)
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
+5V
≤ VCC ≤ +15V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VOL
Output Voltage Drop Low
VCC = 5V, ISink = +8mA,
250
mV
1, 2, 3
V7 = 5V, V6 = 5V
VCC = 15V, ISink = +10mA,
150
mV
1
V2 = V6 = 15V
250
mV
2, 3
VCC = 15V, ISink = +50mA,
500
mV
1
V2 = V6 = 15V
800
mV
2, 3
VCC = 15V, ISink = +85mA,
2.2
V
1, 2, 3
V2 = V6 = 15V
VOH
Output Voltage Drop High
VCC = 15V, ISource= 85mA
13
V
1
12.7
V
2, 3
5
VCC = 5V, ISource = 85mA
3
V
1
2.75
V
2, 3
Aƒ
A Stable Frequency
See (4)
45
51
KHz
1
tE
Timing Error
VCC = 5V
See (4)
±2
%
1, 2, 3
VCC = 15V, 1KΩ ≤ RA ≤ 100KΩ,
Timing error decreases with an
See (4)
±2
%
1, 2, 3
increase in VCC
ΔtE / ΔVCC
Timing Drift with Supply
5V
≤ VCC ≤ 15V
See (4)
0.2
% / V
1, 2, 3
(4)
Ensured parameter, not tested.
ELECTRICAL CHARACTERISTICS AC PARAMETERS
The following conditions apply to all the following parameters, unless otherwise specified.
AC:
+5V
≤ VCC ≤ +15V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
tR
Rise Time
VTrig = 5V
See (1)
250
nS
9, 10
See (1)
400
nS
11
tF
Fall Time
VTrig = 5V
See (1)
250
nS
9, 10
See (1)
400
nS
11
(1)
Ensured parameter, not tested.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM555QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com