Electronic Components Datasheet Search
  English  ▼

X  

CHA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CHA
Description  AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CHA Datasheet(HTML) 4 Page - Vishay Siliconix

  CHA Datasheet HTML 1Page - Vishay Siliconix CHA Datasheet HTML 2Page - Vishay Siliconix CHA Datasheet HTML 3Page - Vishay Siliconix CHA Datasheet HTML 4Page - Vishay Siliconix CHA Datasheet HTML 5Page - Vishay Siliconix CHA Datasheet HTML 6Page - Vishay Siliconix CHA Datasheet HTML 7Page - Vishay Siliconix CHA Datasheet HTML 8Page - Vishay Siliconix CHA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CH, CHA
www.vishay.com
Vishay Sfernice
Revision: 27-Apr-2022
4
Document Number: 53014
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING
Standard packaging is plastic tape and reel for all sizes.
Paper tape and reel is available for sizes 0402 and 0603 with F, N, and G terminations.
Waffle pack is available for all sizes.
Depending on the type of terminations, parts will be packed differently:
One face:
• Gold terminations:
(P termination option):
Active face up.
Please use M termination code for active face down in tape and reel.
• Tin / silver terminations:
(F termination option):
Active face down in tape and reel.
Active face up in waffle pack.
Note
• Please refer to Vishay Sfernice Application Note “Guidelines for Vishay Sfernice Resistive and Inductive Products” for soldering
recommendation (document number 52029, 3. Guidelines for Surface Mounting Components (SMD), profile number 3 applies
PACKAGING RULES
Waffle Pack
Can be filled up to maximum quantity indicated in the table
here above, taking into account the minimum order quantity.
When quantity ordered exceeds maximum quantity of a
single waffle pack, the waffle packs are stacked up on the
top of each other and closed by one single cover. To get
“not stacked up” waffle pack in case of ordered quantity
> maximum number of pieces per package: please consult
Vishay Sfernice for specific ordering code.
Tape and Reel
See Part Numbering information to get the quantity desired
by tape.
In regard to the CH02016 size only, up to 5 empty cavities
can be found every 1000 parts in the reel. Nevertheless, the
number of requested parts will be respected.
Notes
• Historical part numbers are not recommended but can still be used for ordering
(1) Gold termination for application in hermetic package. Can also be mounted on PCB with SnAg solder paste.
Please use M termination code for active face down in tape and reel
(2) CHKIT for 0603 size is not available
SIZE
MOQ
NUMBER OF PIECES PER PACKAGE
TAPE WIDTH
WAFFLE PACK
2" x 2"
TAPE AND REEL
MIN.
MAX.
02016
See MOQ mentioned
on preferred models
and values
484
100
5000
8 mm
0402
100
0603
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CH0402-50RJF (preferred part number format)
AEC-Q200 Version Part Numbering: CHA02016-xxxxx
GLOBAL MODEL
SIZE
OHMIC VALUE
TOLERANCE
TERMINATION
PACKAGING
OPTION
CH, CHA
02016
0402
0603
10R to 500R
F = 1 %
G = 2 %
J = 5 %
F (flip chip):
SnAg over nickel barrier
N (W/A):
SnAg over nickel barrier
(except 02016)
P (one face): (1)
gold bonding pads
G (W/A): gold over nickel
barrier
(except 02016)
For more
information see
Codification of
Packaging table
From
1 to 3 digits.
Leave blank
if no option.
AEC-Q200 Part Number Example: CHA02016-100RJFTF
(AEC-Q200 qualified CH series, 100
Ω, 5 % tolerance, 5000 pieces reels)
Historical Part Number Example: CH02016-100RGFPT1K (tapes of 1000 pieces)
CH0402-50RJF
(waffle pack)
CHKIT Part Numbers (2):
CHKIT-02016
CHKIT-0402
H0
4
0
2
-
5
0
R
C
JF
9
T
9
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com