Electronic Components Datasheet Search
  English  ▼

X  

CHA Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CHA
Description  AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CHA Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button CHA Datasheet HTML 2Page - Vishay Siliconix CHA Datasheet HTML 3Page - Vishay Siliconix CHA Datasheet HTML 4Page - Vishay Siliconix CHA Datasheet HTML 5Page - Vishay Siliconix CHA Datasheet HTML 6Page - Vishay Siliconix CHA Datasheet HTML 7Page - Vishay Siliconix CHA Datasheet HTML 8Page - Vishay Siliconix CHA Datasheet HTML 9Page - Vishay Siliconix CHA Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CH, CHA
www.vishay.com
Vishay Sfernice
Revision: 27-Apr-2022
6
Document Number: 53014
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
These lines are terminated with adapted source and load impedance respectively Zs and Zl with Z0 = ZL = Zs (for others
configurations please consult us).
Equivalent circuit for S-parameters:
S-parameters are computed taking into account all the resistive, inductive and capacitive elements (Z total) and Z0 = ZL = Zs = R.
For simulation purposes, those S-parameter data are available for download here: www.vishay.com/doc?53061
INTERNAL IMPEDANCE CURVES
Internal impedance curve for 02016 size (F and P terminations)
Internal impedance curve for 0402 size (F and P terminations)
L
c
C
g
Z
0
C
L
R
Z total
Z
0
L
c
Z
S
G
Z
L
C
g
10
100
1000
10000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.1
1
10
100
Axis Title
f (GHz)
500 Ω
250 Ω
200 Ω
150 Ω
10 Ω
25 Ω
50 Ω
75 Ω
100 Ω
10
100
1000
10000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.1
1
10
100
Axis Title
f (GHz)
500 Ω
250 Ω
200 Ω
150 Ω
10 Ω
25 Ω
50 Ω
75 Ω
100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com