Electronic Components Datasheet Search
  English  ▼

X  

CHA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CHA
Description  AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CHA Datasheet(HTML) 5 Page - Vishay Siliconix

  CHA Datasheet HTML 1Page - Vishay Siliconix CHA Datasheet HTML 2Page - Vishay Siliconix CHA Datasheet HTML 3Page - Vishay Siliconix CHA Datasheet HTML 4Page - Vishay Siliconix CHA Datasheet HTML 5Page - Vishay Siliconix CHA Datasheet HTML 6Page - Vishay Siliconix CHA Datasheet HTML 7Page - Vishay Siliconix CHA Datasheet HTML 8Page - Vishay Siliconix CHA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CH, CHA
www.vishay.com
Vishay Sfernice
Revision: 27-Apr-2022
5
Document Number: 53014
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
The complex impedance of the chip resistor is given by the following equations:
Notes
•
ω = 2 x π x f
• f: frequency
R, L and C are relevant to the chip resistor itself.
Lc and Cg also depend on the way the chip resistor is mounted.
It is important to notice that after assembly the external reactance of Lc and Cg will be combined to internal reactance of L and
C. This combination can upgrade or downgrade the HF behavior of the component.
This is why we are displaying three sets of data:
•
versus frequency curves which aim to show at a glance the intrinsic HF performance of a given chip resistor
•
versus frequency curves which aim to show the behavior of the chip resistor when mounted
CODIFICATION OF PACKAGING
WAFFLE PACK (available for all sizes)
W
100 min., 1 mult.
PLASTIC TAPE (standard packaging for all sizes)
T
100 min., 1 mult.
TA
100 min., 100 mult.
TB
250 min., 250 mult.
TC
500 min., 500 mult.
TD
1000 min., 1000 mult.
TF
Full tape (quantity depending on size of chips)
PAPER TAPE (available for 0402 and 0603 with F, N, and G terminations)
PT
100 min., 1 mult.
PA
100 min., 100 mult.
PB
250 min., 250 mult.
PC
500 min., 500 mult.
TYPICAL HIGH FREQUENCY PERFORMANCE ELECTRICAL MODEL
C
Internal shunt capacitance
L
Internal inductance
R
Resistance
Z
Internal impedance (R, L, C)
Lc
External connection inductance
Cg
External capacitance to ground
L
c
C
g
Z
0
C
L
R
Z
Z
0
L
c
C
g
Z
R
j
ω L
R
2
C
–
L
2
C
ω
2
–
()
+
1C R
2
C
2L
–
()ω
2
L
2
C
ω
4
+
[]
+
--------------------------------------------------------------------------------------
=
Z
[]
R
--------
1
1
C R
2
C
2L
–
()ω
2
L
2
C
ω
4
+
[]
+
------------------------------------------------------------------------------------------ x
1
ω L
R
2
C
–
L
2
C
ω
2
–
()
R
------------------------------------------------------------
2
+
=
θ
tan
1
–
ω L
R
2
C
–
L
2
C
ω
2
–
()
R
------------------------------------------------------------
=
Z
[]
R
--------
Z
total
[]
R
-------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com