Electronic Components Datasheet Search
  English  ▼

X  

HS3103 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HS3103
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3103 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HS3103 Datasheet HTML 1Page - Renesas Technology Corp HS3103 Datasheet HTML 2Page - Renesas Technology Corp HS3103 Datasheet HTML 3Page - Renesas Technology Corp HS3103 Datasheet HTML 4Page - Renesas Technology Corp HS3103 Datasheet HTML 5Page - Renesas Technology Corp HS3103 Datasheet HTML 6Page - Renesas Technology Corp HS3103 Datasheet HTML 7Page - Renesas Technology Corp HS3103 Datasheet HTML 8Page - Renesas Technology Corp HS3103 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
HS310x Datasheet
R36DS0011EU0120
Rev.1.2
Aug 10, 2021
Page 3
Figures
Figure 1. Sleep Current Variation over Temperature, VDD at 3.3V........................................................................7
Figure 2. HS3101 RH Accuracy Tolerance at 25°C................................................................................................8
Figure 3. HS3101 RH Accuracy over Temperature ................................................................................................8
Figure 4. HS3102 RH Accuracy Tolerance at 25°C................................................................................................8
Figure 5. HS3102 RH Accuracy over Temperature ................................................................................................8
Figure 6. HS3103 RH Accuracy Tolerance at 25°C................................................................................................8
Figure 7. HS3103 RH Accuracy over Temperature ................................................................................................8
Figure 8. HS3104 RH Accuracy Tolerance at 25°C................................................................................................9
Figure 9. HS3104 RH Accuracy over Temperature ................................................................................................9
Figure 10. HS3101/HS3102 Temperature Sensor Accuracy Tolerance .................................................................9
Figure 11. HS3103 Temperature Sensor Accuracy Tolerance ...............................................................................9
Figure 12. HS3104 Temperature Sensor Accuracy Tolerance ...............................................................................9
Figure 13. Timing Diagram ...................................................................................................................................10
Figure 14. START and STOP Condition Waveform..............................................................................................11
Figure 15. Measurement Request ........................................................................................................................11
Figure 16. Data Fetch...........................................................................................................................................12
Figure 17. Sequence of Commands to Enter Programming Mode .......................................................................13
Figure 18. Sequence of Commands to Change the Relative Humidity Resolution...............................................14
Figure 19. Recommended Soldering Profile.........................................................................................................16
Figure 20. Milled PCB Openings for Thermal Isolation.........................................................................................17
Tables
Table 1. I2C Timing Parameters ...........................................................................................................................10
Table 2. Status Bits ..............................................................................................................................................13
Table 3. Non-volatile Memory Registers...............................................................................................................13
Table 4. Register Values for Different Resolution Settings...................................................................................14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com