Electronic Components Datasheet Search
  English  ▼

X  

HS3103 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HS3103
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3103 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HS3103 Datasheet HTML 1Page - Renesas Technology Corp HS3103 Datasheet HTML 2Page - Renesas Technology Corp HS3103 Datasheet HTML 3Page - Renesas Technology Corp HS3103 Datasheet HTML 4Page - Renesas Technology Corp HS3103 Datasheet HTML 5Page - Renesas Technology Corp HS3103 Datasheet HTML 6Page - Renesas Technology Corp HS3103 Datasheet HTML 7Page - Renesas Technology Corp HS3103 Datasheet HTML 8Page - Renesas Technology Corp HS3103 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
HS310x Datasheet
R36DS0011EU0120
Rev.1.2
Aug 10, 2021
Page 5
2.
Specifications
2.1
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause
permanent damage to the device. Functional operation of the HS310x at absolute maximum ratings is not
implied. Exposure to absolute maximum rating conditions might affect device reliability.
Symbol
Parameter
Conditions
Minimum
Maximum
Units
Analog Supply Voltage
-0.3
6.0
V
Storage Temperature Range
-55
125
°C
2.2
Recommended Operating Conditions
Important note: The HS310x series sensors are optimized to perform best in the more common temperature and
humidity ranges of 10°C to 50°C and 20% RH to 80% RH, respectively. If operated outside of these conditions
for extended periods, especially at high humidity levels, the sensors may exhibit an offset. In most cases, this
offset is temporary and will gradually disappear once the sensor is returned to normal temperature and humidity
conditions. The amount of the shift and the duration of the offset vary depending on the duration of exposure and
the severity of the relative humidity and temperature conditions. The time needed for the offset to disappear can
also be decreased by using the procedures described in Soldering Information and Storage and Handling.
Parameter
Condition
Minimum
Typical
Maximum
Units
Operating Supply Voltage
3.3
5.5
V
Extended Operating Supply Voltage
Operating temperature from -20 to 125°C
1.8
5.5
V
Operating Humidity Range
0
100
%RH
Operating Temperature Range
-40
125
°C
Sleep Current
Sleep Mode
-40 to 85°C
0.6
1
µA
-40 to 125°C
1
3
Average Current 1
One RH + temperature
measurement/second
8-bit resolution
1.0
1.5
1.7
µA
10-bit resolution
2.0
2.6
2.8
12-bit resolution
5.5
7.0
7.1
14-bit resolution
20.1
24.4
24.4
Measurement Time
Wake-up
0.10
ms
Humidity or temperature
including the digital
compensation
8-bit resolution
0.55
10-bit resolution
1.31
12-bit resolution
4.50
14-bit resolution
16.90
1.
Minimum, typical, and maximum average currents are provided at 1.8V, 3.3V, and 5.5V VDD respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com