Electronic Components Datasheet Search
  English  ▼

X  

HS3103 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HS3103
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3103 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HS3103 Datasheet HTML 1Page - Renesas Technology Corp HS3103 Datasheet HTML 2Page - Renesas Technology Corp HS3103 Datasheet HTML 3Page - Renesas Technology Corp HS3103 Datasheet HTML 4Page - Renesas Technology Corp HS3103 Datasheet HTML 5Page - Renesas Technology Corp HS3103 Datasheet HTML 6Page - Renesas Technology Corp HS3103 Datasheet HTML 7Page - Renesas Technology Corp HS3103 Datasheet HTML 8Page - Renesas Technology Corp HS3103 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
HS310x Datasheet
R36DS0011EU0120
Rev.1.2
Aug 10, 2021
Page 4
1.
Pin Information
1.1
Pin Assignments
1
5
4
3
2
6
VC
SDA
SCL
VDD
NC
VSS
Pin 1 marker
on bottom side
1.2
Pin Descriptions
Pin Number
Name
Type
Description
1
SCL
In/out
Serial clock
2
SDA
In/out
Serial data
3
VC
─
Connect a 0.1µF decoupling capacitor from VC to ground
4
VDD
In
Supply voltage
5
NC[1]
─
Do not connect
6
VSS
In
Ground
1. NC stands for not connected / no connection required / not bonded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com