Electronic Components Datasheet Search
  English  ▼

X  

HS3103 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HS3103
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3103 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HS3103 Datasheet HTML 3Page - Renesas Technology Corp HS3103 Datasheet HTML 4Page - Renesas Technology Corp HS3103 Datasheet HTML 5Page - Renesas Technology Corp HS3103 Datasheet HTML 6Page - Renesas Technology Corp HS3103 Datasheet HTML 7Page - Renesas Technology Corp HS3103 Datasheet HTML 8Page - Renesas Technology Corp HS3103 Datasheet HTML 9Page - Renesas Technology Corp HS3103 Datasheet HTML 10Page - Renesas Technology Corp HS3103 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
HS310x Datasheet
R36DS0011EU0120
Rev.1.2
Aug 10, 2021
Page 7
3.2
Temperature Sensor Specifications
Temperature Sensor Specification, TA = +25°C, VDD = 2.3V to 5.5V
Parameter
Condition
Minimum
Typical
Maximum
Units
Operating Range
-40
125
°C
Accuracy
HS3101
-10°C to 80°C
±0.2
±0.3
°C
HS3102
HS3103
0°C to 70°C
±0.25
±0.35
HS3104
±0.3
±0.5
Resolution
8- bit
0.6
0.9
1.5
°C
14-bit
0.01
0.015
0.025
Response Time Constant [ 1] (
τ
T)
2..0
Sec.
Long-Term Stability
0.02
°C/Yr
Supply Voltage Dependency [ 2]
VDD ≥ 2.8V
0.03
0.1
°C/V
1.8V < VDD < 2.8V
1.25
2.25
°C/V
1.
Response time depends on system thermal mass and air flow.
2.
Temperature accuracy can be optimized for specified supply voltages upon request.
3.3
Sleep Current
The sleep current of the HS310x series depends on the operating temperature, as shown in the following figure.
Note that there is no significant dependence of the sleep current on the supply voltage.
Figure 1. Sleep Current Variation over Temperature, VDD at 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com