Electronic Components Datasheet Search
  English  ▼

X  

LMK04828 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04828
Description  LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04828 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMK04828 Datasheet HTML 28Page - Texas Instruments LMK04828 Datasheet HTML 29Page - Texas Instruments LMK04828 Datasheet HTML 30Page - Texas Instruments LMK04828 Datasheet HTML 31Page - Texas Instruments LMK04828 Datasheet HTML 32Page - Texas Instruments LMK04828 Datasheet HTML 33Page - Texas Instruments LMK04828 Datasheet HTML 34Page - Texas Instruments LMK04828 Datasheet HTML 35Page - Texas Instruments LMK04828 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
32
LMK04828-EP
SNAS703 – APRIL 2017
www.ti.com
Product Folder Links: LMK04828-EP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.3.7 Holdover
Holdover mode causes PLL2 to stay locked on frequency with minimal frequency drift when an input clock
reference to PLL1 becomes invalid. While in holdover mode, the PLL1 charge pump is TRI-STATED and a fixed
tuning voltage is set on CPout1 to operate PLL1 in open loop.
9.3.7.1 Enable Holdover
Program HOLDOVER_EN = 1 to enable holdover mode.
Holdover mode can be configured to set the CPout1 voltage upon holdover entry to a fixed user defined voltage
or a tracked voltage.
9.3.7.1.1
Fixed (Manual) CPout1 Holdover Mode
By programming MAN_DAC_EN = 1, then the MAN_DAC value is set on the CPout1 pin during holdover.
The user can optionally enable CPout1 voltage tracking (TRACK_EN = 1), read back the tracked DAC value,
then re-program MAN_DAC value to a user desired value based on information from previous DAC read backs.
This allows the most user control over the holdover CPout1 voltage, but also requires more user intervention.
9.3.7.1.2
Tracked CPout1 Holdover Mode
By programming MAN_DAC_EN = 0 and TRACK_EN = 1, the tracked voltage of CPout1 is set on the CPout1
pin during holdover. When the DAC has acquired the current CPout1 voltage, the DAC_Locked signal is set
which may be observed on Status_LD1 or Status_LD2 pins by programming PLL1_LD_MUX or PLL2_LD_MUX
respectively.
Updates to the DAC value for the Tracked CPout1 sub-mode occurs at the rate of the PLL1 phase detector
frequency divided by (DAC_CLK_MULT × DAC_CLK_CNTR).
The DAC update rate should be programmed for
≤ 100 kHz to ensure DAC holdover accuracy.
The ability to program slow DAC update rates, for example one DAC update per 4.08 seconds when using 1024
kHz PLL1 phase detector frequency with DAC_CLK_MULT = 16,384 and DAC_CLK_CNTR = 255, allows the
device to look-back and set CPout1 at previous good CPout1 tuning voltage values before the event which
caused holdover to occur.
The current voltage of DAC value can be read back using RB_DAC_VALUE, see RB_DAC_VALUE .
9.3.7.2 During Holdover
PLL1 is run in open loop mode.
•
PLL1 charge pump is set to TRI-STATE.
•
PLL1 DLD is un-asserted.
•
The HOLDOVER status is asserted
•
During holdover If PLL2 was locked prior to entry of holdover mode, PLL2 DLD continues to be asserted.
•
CPout1 voltage is set to:
–
a voltage set in the MAN_DAC register (MAN_DAC_EN = 1).
–
a voltage determined to be the last valid CPout1 voltage (MAN_DAC_EN = 0).
•
PLL1 attempts to lock with the active clock input.
The HOLDOVER status signal can be monitored on the Status_LD1 or Status_LD2 pin by programming the
PLL1_DLD_MUX or PLL2_DLD_MUX register to Holdover Status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com