Electronic Components Datasheet Search
  English  ▼

X  

LMK04828 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04828
Description  LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04828 Datasheet(HTML) 92 Page - Texas Instruments

Back Button LMK04828 Datasheet HTML 88Page - Texas Instruments LMK04828 Datasheet HTML 89Page - Texas Instruments LMK04828 Datasheet HTML 90Page - Texas Instruments LMK04828 Datasheet HTML 91Page - Texas Instruments LMK04828 Datasheet HTML 92Page - Texas Instruments LMK04828 Datasheet HTML 93Page - Texas Instruments LMK04828 Datasheet HTML 94Page - Texas Instruments LMK04828 Datasheet HTML 95Page - Texas Instruments LMK04828 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
0.2 mm
1.46 mm
7.2 mm
1.15 mm
92
LMK04828-EP
SNAS703 – APRIL 2017
www.ti.com
Product Folder Links: LMK04828-EP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
12 Layout
12.1 Layout Guidelines
12.1.1 Thermal Management
Power consumption of the LMK04828-EP can be high enough to require attention to thermal management. For
reliability and performance reasons the die temperature must be limited to a maximum of 125°C. That is, as an
estimate, TA (ambient temperature) plus device power consumption times RθJA must not exceed 125°C.
The package of the device has an exposed pad that provides the primary heat removal path as well as excellent
electrical grounding to a printed-circuit board. To maximize the removal of heat from the package a thermal land
pattern including multiple vias to a ground plane must be incorporated on the PCB within the footprint of the
package. The exposed pad must be soldered down to ensure adequate heat conduction out of the package.
Figure 29. Recommended Land and Via Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com