Electronic Components Datasheet Search
  English  ▼

X  

LMK04828 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04828
Description  LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04828 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMK04828 Datasheet HTML 9Page - Texas Instruments LMK04828 Datasheet HTML 10Page - Texas Instruments LMK04828 Datasheet HTML 11Page - Texas Instruments LMK04828 Datasheet HTML 12Page - Texas Instruments LMK04828 Datasheet HTML 13Page - Texas Instruments LMK04828 Datasheet HTML 14Page - Texas Instruments LMK04828 Datasheet HTML 15Page - Texas Instruments LMK04828 Datasheet HTML 16Page - Texas Instruments LMK04828 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
SDIO
(WRITE)
SCLK
CS*
tcH
tcS
tdS
tSCLK
tHIGH
tLOW
tdH
SDIO
(Read)
R/W
W1
W0
D1
D0
D1
D0
tdV
Data valid only
during read
A12 to A0,
D7 to D2
D7 to
D2
13
LMK04828-EP
www.ti.com
SNAS703 – APRIL 2017
Product Folder Links: LMK04828-EP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
20 MHz
7.6 SPI Interface Timing
MIN
NOM
MAX
UNIT
tds
Setup time for SDI edge to SCLK rising edge
See Figure 1
10
ns
tdH
Hold time for SDI edge from SCLK rising edge
See Figure 1
10
ns
tSCLK
Period of SCLK
See Figure 1
50(1)
ns
tHIGH
High width of SCLK
See Figure 1
25
ns
tLOW
Low width of SCLK
See Figure 1
25
ns
tcs
Setup time for CS* falling edge to SCLK rising
edge
See Figure 1
10
ns
tcH
Hold time for CS* rising edge from SCLK rising
edge
See Figure 1
30
ns
tdv
SCLK falling edge to valid read back data
See Figure 1
20
ns
7.7 Timing Diagram
Register programming information on the SDIO pin is clocked into a shift register on each rising edge of the SCK
signal. On the rising edge of the CS* signal, the register is sent from the shift register to the register addressed.
A slew rate of at least 30 V/µs is recommended for these signals. After programming is complete the CS* signal
should be returned to a high state. If the SCK or SDIO lines are toggled while the VCO is in lock, as is
sometimes the case when these lines are shared with other parts, the phase noise may be degraded during this
programming.
4-wire mode read back has the same timing as the SDIO pin.
R/W bit = 0 is for SPI write. R/W bit = 1 is for SPI read.
W1 and W0 is written as 0.
Figure 1. SPI Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com