Electronic Components Datasheet Search
  English  ▼

X  

LMK04828 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04828
Description  LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04828 Datasheet(HTML) 86 Page - Texas Instruments

Back Button LMK04828 Datasheet HTML 82Page - Texas Instruments LMK04828 Datasheet HTML 83Page - Texas Instruments LMK04828 Datasheet HTML 84Page - Texas Instruments LMK04828 Datasheet HTML 85Page - Texas Instruments LMK04828 Datasheet HTML 86Page - Texas Instruments LMK04828 Datasheet HTML 87Page - Texas Instruments LMK04828 Datasheet HTML 88Page - Texas Instruments LMK04828 Datasheet HTML 89Page - Texas Instruments LMK04828 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
0.1 PF
50 : Trace
Rs
LMK04828-
EP Input
Clock Source
CLKinX
CLKinX*
Copyright © 2017, Texas Instruments Incorporated
0.1 PF
0.1 PF
50 : Trace
50 :
LMK04828-
EP Input
Clock Source
CLKinX/
OSCin
CLKinX*/
OSCin*
Copyright © 2017, Texas Instruments Incorporated
86
LMK04828-EP
SNAS703 – APRIL 2017
www.ti.com
Product Folder Links: LMK04828-EP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10.1.2.2 Driving CLKin or OSCin Pins With a Single-Ended Source
The CLKin or OSCin pins of the LMK04828-EP can be driven using a single-ended reference clock source, for
example, either a sine wave source or an LVCMOS/LVTTL source. Either AC coupling or DC coupling may be
used for CLKin. OSCin requires AC coupling. In the case of the sine wave source that is expecting a 50 Ω load,
TI recommends using AC coupling as shown in the circuit below with a 50-Ω termination. It may be required to
add a series resistor to create a voltage divider to keep the input voltage within specification.
NOTE
The signal level must conform to the requirements for the CLKin pins listed in Electrical
Characteristics. CLKinX_BUF_TYPE is recommended to be set to bipolar mode
(CLKinX_BUF_TYPE = 0).
Figure 18. CLKinX/X* or OSCin Single-Ended Termination
If the CLKin pins are being driven with a single-ended LVCMOS/LVTTL source, either DC coupling or AC
coupling may be used. If DC coupling is used, the CLKinX_BUF_TYPE should be set to MOS buffer mode
(CLKinX_BUF_TYPE = 1) and the voltage swing of the source must meet the specifications for DC-coupled,
MOS-mode clock inputs given in Electrical Characteristics. If AC coupling is used, the CLKinX_BUF_TYPE
should be set to the bipolar buffer mode (CLKinX_BUF_TYPE = 0). The voltage swing at the input pins must
meet the specifications for AC-coupled, bipolar mode clock inputs given in Electrical Characteristics . In this
case, some attenuation of the clock input level may be required. A simple resistive divider circuit before the AC-
coupling capacitor is sufficient.
Figure 19. DC-Coupled LVCMOS/LVTTL Reference Clock
10.1.3 Using AC-Coupled Clock Outputs
When using LVDS or HSDS output modes and AC coupling, place shunt a 560 Ω across the outputs close to the
IC to provide a DC path to the driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com