Electronic Components Datasheet Search
  English  ▼

X  

OPA817 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA817
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA817 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA817 Datasheet HTML 12Page - Texas Instruments OPA817 Datasheet HTML 13Page - Texas Instruments OPA817 Datasheet HTML 14Page - Texas Instruments OPA817 Datasheet HTML 15Page - Texas Instruments OPA817 Datasheet HTML 16Page - Texas Instruments OPA817 Datasheet HTML 17Page - Texas Instruments OPA817 Datasheet HTML 18Page - Texas Instruments OPA817 Datasheet HTML 19Page - Texas Instruments OPA817 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
2. Minimize the distance (less than 0.25-in) from the power-supply pins to high-frequency decoupling
capacitors. Use high quality, 100-pF to 0.1-µF, C0G and NPO-type decoupling capacitors with voltage
ratings at least three times greater than the amplifiers maximum power supplies to ensure that there is a
low-impedance path to the amplifiers power-supply pins across the amplifiers gain bandwidth specification.
At the device pins, do not allow the ground and power plane layout to be in close proximity to the signal I/O
pins. Avoid narrow power and ground traces to minimize inductance between the pins and the decoupling
capacitors. The power-supply connections must always be decoupled with these capacitors. Larger (2.2-µF
to 6.8-µF) decoupling capacitors, effective at lower frequency, must be used on the supply pins. These are
placed further from the device and are shared among several devices in the same area of the PC board.
3. Careful selection and placement of external components will preserve the high frequency
performance of the OPA817. Use low-reactance resistors. Surface-mount resistors work best and allow
a tighter overall layout. Never use wirewound type resistors in a high frequency application. Because the
output pin and inverting input pin are the most sensitive to parasitic capacitance, always position the
feedback and series output resistor, if any, as close as possible to the inverting input and the output pin,
respectively. Other network components, such as noninverting input termination resistors, should also be
placed close to the package. Even with a low parasitic capacitance at the noninverting input, high external
resistor values can create significant time constants that can degrade performance. When OPA817 is
configured as a conventional voltage amplifier, keep the resistor values as low as possible and consistent
with the load driving considerations. Decreasing the resistor values keeps the resistor noise terms low and
minimizes the effect of the parasitic capacitance. However, lower resistor values increase the dynamic power
consumption because RF and RG become part of the output load network of the amplifier
4. Heat dissipation is important for a high voltage device like OPA817. For good thermal relief, the thermal
pad should be connected to a heat spreading plane that is preferably on the same layer as OPA817 or
connected by as many vias as possible, if the plane is on a different layer. It is recommended to have at
least one heat spreading plane on the same layer as the OPA817 that makes a direct connection to the
thermal pad with wide metal for good thermal conduction when operating at high ambient temperatures. If
more than one heat spreading plane is available, then connect them by a number of vias to further improve
the thermal conduction.
11.1.1 Thermal Considerations
The OPA817 will not require heatsinking or airflow in most applications. Maximum allowed junction temperature
will set the maximum allowed internal power dissipation as described in the following paragraph. In no case
should the maximum junction temperature be allowed to exceed 150°C.
Operating junction temperature (TJ) is given by TA + PD × RθJA. The total internal power dissipation (PD) is the
sum of quiescent power (PDQ) and additional power dissipated in the output stage (PDL) to deliver load power.
Quiescent power is the specified no-load supply current times the total supply voltage across the part. PDL will
depend on the required output signal and load, but for a grounded resistive load the PDL will be at a maximum
when the output is fixed at a voltage equal to 1/2 of either supply voltage (for balanced bipolar supplies). Under
this condition PDL = VS 2/(4 × RL) where RL includes feedback network loading.
Note that it is the power in the output stage and not into the load that determines internal power dissipation.
As a worst-case example, compute the maximum TJ using OPA817 in the circuit of Figure 9-1 operating at the
maximum specified ambient temperature of +105°C and driving a grounded 100-Ω load.
PD = 10 V × 23.5 mA + 52 /(4 × (100 Ω || 500 Ω)) ≅ 310 mW
Maximum TJ = 105°C + (0.310 W × 64.9°C/W) = 125.1°C.
All actual applications will be operating at lower internal power and junction temperature.
OPA817
SBOS847 – JULY 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com