Electronic Components Datasheet Search
  English  ▼

X  

OPA817 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA817
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA817 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA817 Datasheet HTML 16Page - Texas Instruments OPA817 Datasheet HTML 17Page - Texas Instruments OPA817 Datasheet HTML 18Page - Texas Instruments OPA817 Datasheet HTML 19Page - Texas Instruments OPA817 Datasheet HTML 20Page - Texas Instruments OPA817 Datasheet HTML 21Page - Texas Instruments OPA817 Datasheet HTML 22Page - Texas Instruments OPA817 Datasheet HTML 23Page - Texas Instruments OPA817 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
NOTES: (continued)
3.
For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271)
.
4.
Solder mask tolerances between and around signal pads can vary based on board fabrication site.
EXAMPLE BOARD LAYOUT
4224357 / A 07/2018
www.ti.com
WSON - 0.8 mm max height
DTK0008A
PLASTIC QUAD FLATPACK- NO LEAD
PKG
PKG
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
1
0.07 MAX
ALL AROUND
METAL
SOLDER MASK
OPENING
0.07 MIN
ALL AROUND
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK DETAILS
NON- SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
4
(1.74)
6X (0.5)
8X (0.25)
(R0.05) TYP
EXPOSED METAL
EXPOSED METAL
(1.45)
8X(0.6)
(2.8)
8
5
9
(1.5)
(0.475)
(Ø0.2) VIA
(TYP)
(0.62)
OPA817
SBOS847 – JULY 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com