Electronic Components Datasheet Search
  English  ▼

X  

OPA817 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA817
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA817 Datasheet(HTML) 3 Page - Texas Instruments

  OPA817 Datasheet HTML 1Page - Texas Instruments OPA817 Datasheet HTML 2Page - Texas Instruments OPA817 Datasheet HTML 3Page - Texas Instruments OPA817 Datasheet HTML 4Page - Texas Instruments OPA817 Datasheet HTML 5Page - Texas Instruments OPA817 Datasheet HTML 6Page - Texas Instruments OPA817 Datasheet HTML 7Page - Texas Instruments OPA817 Datasheet HTML 8Page - Texas Instruments OPA817 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
5 Device Comparison Table
DEVICE
Supply Voltage (V)
BW (MHz)
Input
SLEW RATE (V/μs)
VOLTAGE NOISE (nV/√Hz)
MINIMUM STABLE
GAIN (V/V)
OPA817
±6.3
390
FET
970
4.5
1
OPA818
±6.5
2700
FET
1400
2.2
7
OPA657
±5
1600
FET
700
4.8
7
OPA656
±5
230
FET
290
7
1
OPA659
±6
350
FET
2550
8.9
1
OPA858
±2.5
5500
CMOS
2000
2.5
7
THS4631
±15
210
FET
1000
7
1
6 Pin Configuration and Functions
1
2
3
4
8
7
6
5
+
PD
FB
IN
IN+
VS+
VS
NC
OUT
Not to scale
NC - no internal connection
Figure 6-1. DTK Package, 8-Pin WSON With Thermal Pad (Top View)
Table 6-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
FB
2
O
Feedback resistor connection (optional)
IN–
3
I
Inverting input
IN+
4
I
Noninverting input
NC
6
—
No connect (no internal connection to die)
OUT
7
O
Output of amplifier
PD
1
I
Power down (low = amplifier enabled, high = amplifier disabled); internal 2-MΩ pull-up allows floating
this pin
VS–
5
P
Negative power supply
VS+
8
P
Positive power supply
Thermal pad
—
Electrically isolated from the die substrate. The thermal pad can be connected to any potential
between the device power-supplies, but it is recommended to connect it to a heat-spreading plane,
typically ground.
(1)
I = input, O = output, P = power
www.ti.com
OPA817
SBOS847 – JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com