Electronic Components Datasheet Search
  English  ▼

X  

OPA817 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA817
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA817 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA817 Datasheet HTML 15Page - Texas Instruments OPA817 Datasheet HTML 16Page - Texas Instruments OPA817 Datasheet HTML 17Page - Texas Instruments OPA817 Datasheet HTML 18Page - Texas Instruments OPA817 Datasheet HTML 19Page - Texas Instruments OPA817 Datasheet HTML 20Page - Texas Instruments OPA817 Datasheet HTML 21Page - Texas Instruments OPA817 Datasheet HTML 22Page - Texas Instruments OPA817 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
PACKAGE OUTLINE
4224357 / A 07/2018
www.ti.com
WQFN - 0.8 mm max height
PLASTIC QUAD FLATPACK- NO LEAD
DTK0008A
A
0.08 C
B
PKG
PKG
3.1
2.9
3.1
2.9
PIN 1 INDEX AREA
0.8 MAX
SEATING PLANE
C
0.05
0.00
1
8X
0.3
0.2
0.1
C A B
0.05
C
(0.1) TYP
1.5
1.4
6X 0.5
1.75
PIN 1 ID
(OPTIONAL)
4
8
5
8X
0.5
0.3
9
1.84
1.64
www.ti.com
OPA817
SBOS847 – JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com