Electronic Components Datasheet Search
  English  ▼

X  

F1490 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # F1490
Description  High Gain RF Amplifier 1.8GHz to 6.4GHz
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1490 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button F1490 Datasheet HTML 28Page - Renesas Technology Corp F1490 Datasheet HTML 29Page - Renesas Technology Corp F1490 Datasheet HTML 30Page - Renesas Technology Corp F1490 Datasheet HTML 31Page - Renesas Technology Corp F1490 Datasheet HTML 32Page - Renesas Technology Corp F1490 Datasheet HTML 33Page - Renesas Technology Corp F1490 Datasheet HTML 34Page - Renesas Technology Corp F1490 Datasheet HTML 35Page - Renesas Technology Corp F1490 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
F1490 Datasheet
© 2021 Renesas Electronics Corporation
32
November 15, 2021
Typical Performance Characteristics (Band 6p0 – 5.92GHz to 6.26GHz)
Figure 83. Gain - High Gain Mode
Figure 84. Input Return Loss - High Gain Mode
Figure 85. Output Return Loss – High Gain Mode
Figure 86. Reverse Isolation - High Gain Mode
Figure 87. Standby Mode Gain
Figure 88. Current versus Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com