Electronic Components Datasheet Search
  English  ▼

X  

F1490 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F1490
Description  High Gain RF Amplifier 1.8GHz to 6.4GHz
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1490 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F1490 Datasheet HTML 3Page - Renesas Technology Corp F1490 Datasheet HTML 4Page - Renesas Technology Corp F1490 Datasheet HTML 5Page - Renesas Technology Corp F1490 Datasheet HTML 6Page - Renesas Technology Corp F1490 Datasheet HTML 7Page - Renesas Technology Corp F1490 Datasheet HTML 8Page - Renesas Technology Corp F1490 Datasheet HTML 9Page - Renesas Technology Corp F1490 Datasheet HTML 10Page - Renesas Technology Corp F1490 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
F1490 Datasheet
© 2021 Renesas Electronics Corporation
7
November 15, 2021
Pin Descriptions
Table 1.
Pin Descriptions
Number
Name
Description
1, 5, 6, 7,
8, 9, 12
NC
No internal connection. These pins can be left unconnected, or be connected to ground
(recommended). Use a via as close to the pin as possible if grounded.
2
RFIN
RF input internally matched to 50Ω. Must use an external DC block.
3
GND
Internally grounded. This pin can be left unconnected, or it can be connected to ground
(recommended).
4
VDD
Pull up to VDD through inductor and use bypass capacitors as close to the pin as possible. In addition
to supplying the device with a DC voltage, there is also an RF signal present.
10, 11
RFOUT
RF output. Pull up to VDD through inductor. Must use external DC block.
13
BIAS_2
Connect via resistor to a common VDD and use bypass capacitors. Place network as close to the pin
as possible.
14
BIAS_1
Connect via resistor to a common VDD and use bypass. Place network as close to the pin as possible.
15
GAIN_SEL
Gain Selection pin. Logic HIGH selects High Gain Mode operation. Logic LOW (or if the pin is left
unconnected or grounded) selects Low Gain Mode operation. Pin is 1.8V logic compatible.
16
STBY
Standby pin. With Logic LOW applied to this pin, the amplifier is powered off. With Logic HIGH
applied to this pin (or if the pin is left unconnected), the part is in full operation mode. Pin is 1.8V logic
compatible.
—
EPAD
Exposed Pad. Internally connected to ground. Solder this exposed pad to a PCB pad that uses
multiple ground vias to provide heat transfer out of the device into the PCB ground planes. These
multiple ground vias are also required to achieve the noted RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com