Electronic Components Datasheet Search
  English  ▼

X  

F1490 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F1490
Description  High Gain RF Amplifier 1.8GHz to 6.4GHz
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1490 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F1490 Datasheet HTML 14Page - Renesas Technology Corp F1490 Datasheet HTML 15Page - Renesas Technology Corp F1490 Datasheet HTML 16Page - Renesas Technology Corp F1490 Datasheet HTML 17Page - Renesas Technology Corp F1490 Datasheet HTML 18Page - Renesas Technology Corp F1490 Datasheet HTML 19Page - Renesas Technology Corp F1490 Datasheet HTML 20Page - Renesas Technology Corp F1490 Datasheet HTML 21Page - Renesas Technology Corp F1490 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
F1490 Datasheet
© 2021 Renesas Electronics Corporation
18
November 15, 2021
Figure 9. Reverse Isolation - Low Gain Mode
Figure 10. Reverse Isolation - High Gain Mode
Figure 11. Standby Mode Gain
Figure 12. Current versus Power Supply Voltage
Figure 13. Noise Figure - Low Gain Mode
Figure 14. Noise Figure - High Gain Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com