Electronic Components Datasheet Search
  English  ▼

X  

XRT82L24 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT82L24
Description  QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT82L24 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT82L24 Datasheet HTML 6Page - Exar Corporation XRT82L24 Datasheet HTML 7Page - Exar Corporation XRT82L24 Datasheet HTML 8Page - Exar Corporation XRT82L24 Datasheet HTML 9Page - Exar Corporation XRT82L24 Datasheet HTML 10Page - Exar Corporation XRT82L24 Datasheet HTML 11Page - Exar Corporation XRT82L24 Datasheet HTML 12Page - Exar Corporation XRT82L24 Datasheet HTML 13Page - Exar Corporation XRT82L24 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
XRT82L24
áç
áç
áç
áç
QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.2.3
8
19
INT
O
Interrupt Output.
This pin is asserted Low to indicate an alarm condition has occurred within the
device. Interrupt generation can be globally disabled by setting the GIE bit to a
"0" in the command control register.
NOTE: This pin is an open drain output and requires an external 10K
Ω pull-up
resistor.
20
ICT
I
In-Circuit Testing (Active Low).
When this pin is tied Low, all output pins are forced to high impedance state for
in-circuit testing.
NOTE: Internally pulled -up with 50k
Ω.
58
LOOPSEL
I
DLoop-back Mode Select.
In Hardware Mode, if LOOPEN_(0-3) is “High”, this pin is used for selecting
loop-back mode. Connect this pin "High" to select local loop-back and Low to
select remote loop-back. Digital Loop-back is not supported in Hardware Mode.
62
61
60
59
LOOPEN_0
LOOPEN_1
LOOPEN_2
LOOPEN_3
I
Loop-back Enable - Channel_n:
In Hardware Mode:
Connect this pin “High” to enable channel_n loop-back operation. Remote or
local loop-back is determined by pin 58 setting.
63
FIFOS
I
FIFO Size Select.
In Hardware Mode, connect this pin "High" selects 64 bit FIFO depth and con-
nect Low to select 32 bit FIFO depth.
POWER SUPPLIES AND GROUNDS
12
AVDD
****
Analog Positive Supply(3.3V± 5%)
28
DVDD
****
Digital Positive Supply(3.3V± 5%)
33
DVDD
****
Digital Positive Supply(3.3V± 5%)
90
36
40
86
TVDD_0
TVDD_1
TVDD_2
TVDD_3
****
Transmitter_n Analog Positive Supply(3.3V± 5%).
43
AVDD
****
Analog Positive Supply(3.3V± 5%)
48
DVDD
****
Digital Positive Supply(3.3V± 5%)
64
DVDD
****
Digital Positive Supply(3.3V± 5%)
78
DVDD
****
Digital Positive Supply(3.3V± 5%)
11
AGND
****
Analog Ground
13
DGND
****
Digital Ground
29
DGND
****
Digital Ground
30
DGND
****
Digital Ground
92
34
42
84
TGND_0
TGND_1
TGND_2
TGND_3
****
Transmitter_n Analog Ground.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com