Electronic Components Datasheet Search
  English  ▼

X  

XRT82L24 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT82L24
Description  QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT82L24 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT82L24 Datasheet HTML 9Page - Exar Corporation XRT82L24 Datasheet HTML 10Page - Exar Corporation XRT82L24 Datasheet HTML 11Page - Exar Corporation XRT82L24 Datasheet HTML 12Page - Exar Corporation XRT82L24 Datasheet HTML 13Page - Exar Corporation XRT82L24 Datasheet HTML 14Page - Exar Corporation XRT82L24 Datasheet HTML 15Page - Exar Corporation XRT82L24 Datasheet HTML 16Page - Exar Corporation XRT82L24 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
áç
áç
áç
áç
XRT82L24
QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.2.3
11
Degraded Type of Loss of Signal Event (Non-Zero
Amplitude)
If the XRT 82L24 experiences a degraded type of
LOS event (e.g., where there is still a small amount of
discernible signal amplitude in the line signal, but
small enough to qualify as an LOS event) then the
Clock Recovery PLL could lock onto this degraded
line signal and will subsequently drive the same fre-
quency via the RxClk output pins.
CONDITIONS FOR DECLARING AND CLEARING
LOS IN THE E1 MODE.
Each E1 channel of the XRT 82L24 has two criteria
for LOS Detection, Analog and Digital. A channel will
declare a LOS condition when both of these LOS De-
tectors detect an LOS condition.
Analog LOS Detector
The Analog LOS Detector will declare an LOS condi-
tion, if it determines that the amplitude of the incom-
ing line signal has dropped to less than
-15dB (below the nominal pulse amplitude of 3V for
twisted-pair, or 2.37V for coaxial-cable) for at least
32 bit-periods.
The Analog LOS Detector will clear the LOS condi-
tion, if it determines that the incoming line signal is no
more than 12.5dB below the nominal 3V pulse ampli-
tude.
NOTE: The difference in the signal level required to declare
and clear LOS is 2.5dB. This 2.5dB hysteresis is designed
into the Analog LOS Detector circuitry, in order to prevent
chattering in the LOS output pin or bit-field.
Digital LOS Detector
The Digital LOS Detector will declare an LOS condi-
tion, if it detects a string of at least 32 consecutive
"0"s.
The Digital LOS Detector will clear the LOS condition,
if it determines that the incoming E1 line signal has a
pulse density of 12.5% or more without 16 consecu-
tive “0’s” for at least 32 consecutive bit periods.
NOTE: The pulse density requirement of 12.5% accounts
for HDB3 coding.
RECEIVE DATA MUTING
The XRT 82L24 permits the user to “MUTE” the re-
covered data output signals anytime the LOS condi-
tion is declared. If the user invokes this function, then
the RPOS/RDAT and RNEG output pins will be pulled
to GND for the duration that the LOS condition exists.
This feature is useful in that it prevents the LIU from
routing electrical noise (which has been “recovered”
by the Clock Recovery PLL) to the Framer IC and pre-
venting it from declaring an LOS condition. This fea-
ture is enabled by setting the RXMUTE bit to a “1” in
the Host Mode (Register 1, Bit 2 Location) or by con-
necting pin 67 High in the Hardware Mode.
LOOP-BACK MODES
Each channel within the XRT 82L24 can be config-
ured to operate in any of the following loop-back
modes:
• Remote Loop-Back Mode
• Digital Local Loop-Back Mode
• Analog Local Loop-Back Mode
Each of these loop-back modes are described in
some detail below.
REMOTE LOOP-BACK (RLOOP) MODE
With Remote Loop-Back activated, (Channel Control
Register bit 2 = “1”) in Host Mode or in Hardware
Mode with LoopSEL (pin 58) tied Low and LoopEN
tied High received data after the jitter attenuator (if
selected) is looped back to the transmit path using
RxClk as transmit timing. In this mode the data/sig-
nals applied to the TxClk, TPOS/TDAT and TNEG in-
put pins are ignored, while RxClk and received data
will continue to be available at their respective output
pins. Simultaneously setting RLOOP and ALOOP ac-
tive is not allowed (see Loop-Back Mode in Figure 4 &
Figure 5). Remote loop-back has priority over TAOS.
DIGITAL LOCAL LOOP-BACK (DLOOP) MODE
The Digital Local Loop-Back mode allows the trans-
mit clock and data to be looped back to the corre-
sponding receiver output pins through the encoder/
decoder and the jitter attenuator. In this mode, the re-
ceive line signal is ignored, but the transmit data will
be sent to the line uninterrupted. This loop back fea-
ture allows users to configure the line interface as a
pure jitter attenuator. (see Loop-Back Mode in
Figure 6 & Figure 7).
NOTE: Digital Local Loop-Back is not supported in Hard-
ware Mode.
ANALOG LOCAL LOOP-BACK (ALOOP) MODE
With Analog Local Loop-Back activated, the transmit
data at TTIP and TRING are looped-back to the ana-
log input of the receiver. External inputs at RTIP/
RRING in this mode are ignored while valid transmit
data continues to be sent to the line. Analog Loop-
Back exercises most of the functional blocks of the
line interface (see Loop-Back Mode in Figure 8 &
Figure 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com