Electronic Components Datasheet Search
  English  ▼

X  

XRT82L24 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT82L24
Description  QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT82L24 Datasheet(HTML) 1 Page - Exar Corporation

  XRT82L24 Datasheet HTML 1Page - Exar Corporation XRT82L24 Datasheet HTML 2Page - Exar Corporation XRT82L24 Datasheet HTML 3Page - Exar Corporation XRT82L24 Datasheet HTML 4Page - Exar Corporation XRT82L24 Datasheet HTML 5Page - Exar Corporation XRT82L24 Datasheet HTML 6Page - Exar Corporation XRT82L24 Datasheet HTML 7Page - Exar Corporation XRT82L24 Datasheet HTML 8Page - Exar Corporation XRT82L24 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
áç
áç
áç
áç
XRT82L24
QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
MARCH 2003
REV. 1.2.3
GENERAL DESCRIPTION
The XRT82L24 is a fully integrated Quad (four chan-
nels) short-haul line interface unit for E1(2.048Mbps)
75
Ω or 120Ω applications. Each channel consists of a
receiver with equalizer for reliable data and clock re-
covery, and a transmitter which accepts either single
or dual-rail digital inputs for signal transmission to the
line using a low output impedance line driver. The de-
vice also includes a crystal-less jitter attenuator
which, depending on system requirements, can be
selected in the receive or transmit path through the
Host or Hardware Mode control.
XRT82L24 is a low power CMOS device operating on
a single 3.3V supply with 5V tolerant digital inputs.
FEATURES
• Fully integrated quad, short-haul PCM transceivers
for E1 applications.
• On Chip Receive Equalizer and Transmit Pulse
Shaper for CEPT 75
Ω and 120Ω line terminations
• On chip clock recovery circuit
• Transformer or capacitor coupled receiver inputs
• Crystal-less jitter attenuator can be selected in the
transmit or receive path
• High receiver interference immunity
• Per-channel transmit power shutdown
• Tri-state transmit output capability
• On chip per-channel driver failure monitoring circuit
• On chip HDB3/B8ZS/AMI encoder/decoder func-
tions
• Transmit return loss meets or exceeds ETSI 300
166 standard
• Meets or exceeds specifications in ITU G.703,
G.775, G.736 and G.823; ETSI 300-166
• 3.3V or 5.0V Logic level inputs
• Single +3.3V Supply Operation
• Same pin Out as XRT82L34 T1/E1/J1 LIU
• New Patent# 6,313,671B1 Low Power IC I/O Buffer
APPLICATIONS
• Digital cross connects (DSX-1)
• Channel Banks
• High speed data transmission line cards
• E1 Multiplexer
• Public switching systems and PBX interfaces
FIGURE 1. BLOCK DIAGRAM OF THE XRT82L24 E1 LIU (HOST MODE)
HDB3
Encoder
MUX
Tx/Rx Jitter
Attenuator
Tx Timing
Control
Tx Pulse
Shaper
MUX
Line
Driver
Tx/Rx Jitter
Attenuator
Timing & Data
Recovery
Peak
Detector
& Slicer
Rx
Equalizer
LOS
Detect
HDB3
Decoder
Clock
Generator
MClk
TVDD_n
TTIP_n
TRing_n
TGND_n
Enable/
Disable
RTIP_n
RRing_n
Remote
LoopBack
Local
Analog
LoopBack
Digital
LoopBack
Driver
Monitor
Channel 0
Channel 1
Channel 2
Channel 3
HW/HOST
µµµµP Controller & Hardware Interface
ADD [0:3]
D[0:7]
WR_R/W/TxOFF_0
ALE_AS/TxOFF_2
CS/TxOFF_3
RD_DS/TxOFF_1
Test
TxClk_n/RZData_n
TxPOS_n/TDATA_n
TxNEG_n
RxClk_n
RxPOS_n/RDATA_n
RxNEG_n/LCV_n
RxLOS_n
INT
RDY_DTACK
PClk/Codes
PTS1/ClkE
PTS2/SR_DR
Reset
ICT


Similar Part No. - XRT82L24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82L24A EXAR-XRT82L24A Datasheet
428Kb / 39P
QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT82L24AIV EXAR-XRT82L24AIV Datasheet
428Kb / 39P
QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT82L24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT82L24A EXAR-XRT82L24A Datasheet
428Kb / 39P
QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com