Electronic Components Datasheet Search
  English  ▼

X  

ESP32C3 Datasheet(PDF) 27 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 27 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32C3 Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
3
Functional Description
During the flash boot process, RWDT and the MWDT in timer group 0 (TIMG0) are enabled automatically in order
to detect and recover from booting errors.
Watchdog timers have the following features:
• four stages, each with a programmable timeout value. Each stage can be configured, enabled and
disabled separately
• interrupt, CPU reset, or core reset for MWDT upon expiry of each stage; interrupt, CPU reset, core reset, or
system reset for RWDT upon expiry of each stage
• 32-bit expiry counter
• write protection, to prevent RWDT and MWDT configuration from being altered inadvertently
• flash boot protection
If the boot process from an SPI flash does not complete within a predetermined period of time, the
watchdog will reboot the entire main system.
3.9 Cryptographic Hardware Accelerators
ESP32-C3 is equipped with hardware accelerators of general algorithms, such as AES-128/AES-256 (FIPS PUB
197), ECB/CBC/OFB/CFB/CTR (NIST SP 800-38A), SHA1/SHA224/SHA256 (FIPS PUB 180-4), and RSA3072.
The chip also supports independent arithmetic, such as Big Integer Multiplication and Big Integer Modular
Multiplication. The maximum operation length for RSA and Big Integer Modular Multiplication is 3072 bits. The
maximum factor length for Big Integer Multiplication is 1536 bits.
3.10
Physical Security Features
• Transparent external flash encryption (AES-XTS algorithm) with software inaccessible key prevents
unauthorized readout of your application code or data.
• Secure boot feature uses a hardware root of trust to ensure only signed firmware (with RSA-PSS signature)
can be booted.
• HMAC module can use a software inaccessible MAC key to generate MAC signatures for identity
verification and other purposes.
• Digital Signature module can use a software inaccessible secure key to generate RSA signatures for identity
verification.
• World Controller provides two running environments for software. All hardware and software resources are
sorted to two groups, and placed in either secure or general world. The secure world cannot be accessed
by hardware in the general world, thus establishing a security boundary.
3.11
Peripheral Pin Configurations
Table 10: Peripheral Pin Configurations
Interface
Signal
Pin
Function
ADC
ADC1_CH0
XTAL_32K_P
Two 12-bit SAR ADCs
ADC1_CH1
XTAL_32K_N
ADC1_CH2
GPIO2
Espressif Systems
27
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com