Electronic Components Datasheet Search
  English  ▼

X  

ESP32C3 Datasheet(PDF) 14 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 14 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32C3 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
2
Pin Definition
To change the strapping bit values, you can apply the external pull-down/pull-up resistances, or use the host
MCU’s GPIOs to control the voltage level of these pins when powering on ESP32-C3.
After reset, the strapping pins work as normal-function pins.
Table 4 lists detailed booting configurations of the strapping pins.
Table 4: Strapping Pins
Booting Mode 1
Pin
Default
SPI Boot
Download Boot
GPIO2
N/A
1
1
GPIO8
N/A
Don’t care
1
GPIO9
Internal weak
pull-up
1
0
Enabling/Disabling ROM Messages Print During Booting
Pin
Default
Functionality
GPIO8
N/A
When the value of eFuse field EFUSE_UART_PRINT_CONTROL is
0 (default), print is enabled and not controlled by GPIO8.
1, if GPIO8 is 0, print is enabled; if GPIO8 is 1, it is disabled.
2, if GPIO8 is 0, print is disabled; if GPIO8 is 1, it is enabled.
3, print is disabled and not controlled by GPIO8.
1 The strapping combination of GPIO8 = 0 and GPIO9 = 0 is invalid and will trigger unexpected be-
havior.
Figure 6 shows the setup and hold times for the strapping pins before and after the CHIP_EN signal goes high.
Details about the parameters are listed in Table 5.
CHIP_EN
t1
t0
Strapping pin
V
IL_nRST
V
IH
Figure 6: Setup and Hold Times for the Strapping Pins
Espressif Systems
14
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com