Electronic Components Datasheet Search
  English  ▼

X  

ESP32C3 Datasheet(PDF) 12 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 12 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32C3 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
2
Pin Definition
2.3 Power Scheme
ESP32-C3 has four input power pins:
• VDDA1
• VDDA2
• VDD3P3_RTC
• VDD3P3_CPU
And one input/output power pin:
• VDD_SPI
VDDA1 and VDDA2 are the input power supply for the analog domain.
When working as an output power supply, VDD_SPI can be powered by VDD3P3_CPU via RSP I (nominal 3.3 V).
VDD_SPI can be powered off via software to minimize the current leakage of flash in Deep-sleep mode.
RTC IO is powered from VDD3P3_RTC.
The RTC domain is powered from Low Power Voltage Regulator, which is powered from VDD3P3_RTC.
The Digital System domain is powered from Digital System Voltage Regulator, which is powered from
VDD3P3_CPU and VDD3P3_RTC at the same time.
Digital IO is powered from VDD3P3_CPU.
The power scheme diagram is shown in Figure 4.
Figure 4: ESP32­C3 Power Scheme
Notes on CHIP_EN:
Figure 5 shows the power-up and reset timing of ESP32-C3. Details about the parameters are listed in Table
Espressif Systems
12
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com