Electronic Components Datasheet Search
  English  ▼

X  

ESP32C3 Datasheet(PDF) 3 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 3 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP32C3 Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
memory, external memory, and peripherals
– External memory encryption and decryption
•
Rich set of peripheral interfaces and GPIOs,
ideal for various scenarios and complex
applications
Features
Wi­Fi
• IEEE 802.11 b/g/n-compliant
• Supports 20 MHz, 40 MHz bandwidth in 2.4
GHz band
• 1T1R mode with data rate up to 150 Mbps
• Wi-Fi Multimedia (WMM)
• TX/RX A-MPDU, TX/RX A-MSDU
• Immediate Block ACK
• Fragmentation and defragmentation
• Transmit opportunity (TXOP)
• Automatic Beacon monitoring (hardware TSF)
• 4 × virtual Wi-Fi interfaces
• Simultaneous support for Infrastructure BSS in
Station mode, SoftAP mode, Station + SoftAP
mode, and promiscuous mode
Note that when ESP32-C3 scans in Station mode,
the SoftAP channel will change along with the
Station channel
• Antenna diversity
• 802.11mc FTM
• Supports external power amplifier
Bluetooth
• Bluetooth LE: Bluetooth 5, Bluetooth mesh
• High power mode (18 dBm)
• Speed: 125 Kbps, 500 Kbps, 1 Mbps, 2 Mbps
• Advertising extensions
• Multiple advertisement sets
• Channel selection algorithm #2
• Internal co-existence mechanism between Wi-Fi
and Bluetooth to share the same antenna
CPU and Memory
• 32-bit RISC-V single-core processor, up to 160
MHz
• CoreMark® score:
– 1 core at 160 MHz: 407.22 CoreMark; 2.55
CoreMark/MHz
• 384 KB ROM
• 400 KB SRAM (16 KB for cache)
• 8 KB SRAM in RTC
• Embedded flash (see details in Chapter 1
ESP32-C3 Series Comparison)
• SPI, Dual SPI, Quad SPI, and QPI interfaces that
allow connection to multiple external flash
• Access to flash accelerated by cache
• Supports flash in-Circuit Programming (ICP)
Advanced Peripheral Interfaces
• 22 × programmable GPIOs
• Digital interfaces:
– 3 × SPI
– 2 × UART
– 1 × I2C
– 1 × I2S
– Remote control peripheral, with 2 transmit
channels and 2 receive channels
– LED PWM controller, with up to 6 channels
– Full-speed USB Serial/JTAG controller
– General DMA controller (GDMA), with 3
transmit channels and 3 receive channels
– 1 × TWAI® controller compatible with ISO
11898-1 (CAN Specification 2.0)
• Analog interfaces:
Espressif Systems
3
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com