Electronic Components Datasheet Search
  English  ▼

X  

OPA691 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA691
Description  OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA691 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA691 Datasheet HTML 9Page - Texas Instruments OPA691 Datasheet HTML 10Page - Texas Instruments OPA691 Datasheet HTML 11Page - Texas Instruments OPA691 Datasheet HTML 12Page - Texas Instruments OPA691 Datasheet HTML 13Page - Texas Instruments OPA691 Datasheet HTML 14Page - Texas Instruments OPA691 Datasheet HTML 15Page - Texas Instruments OPA691 Datasheet HTML 16Page - Texas Instruments OPA691 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
7.10 Typical Characteristics: VS = ±6 V, Full Bias (continued)
At TA = +25°C, G = +4 V/V, RF = 402 Ω, and RL = 100 Ω, unless otherwise specified.
Supply Voltage (±Vs)
2.5
3
3.5
4
4.5
5
5.5
6
-90
-85
-80
-75
-70
-65
-60
-55
-50
HD2
HD3
VO = 2 VPP, f = 10 MHz
Figure 7-13. Harmonic Distortion vs Supply Voltage
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1k
10k
100k
1M
10M
100M
+PSRR
−PSRR
.
Figure 7-14. CMRR and PSRR vs Frequency
.
Figure 7-15. Open-Loop Transimpedance Gain and Phase
Frequency (Hz)
100
1k
10k
100k
1M
10M
1
10
100
Voltage noise
Noninverting Current Noise
Inverting Current Noise
.
Figure 7-16. Input Voltage and Current Noise Density
Frequency (Hz)
10k
100k
1M
10M
100M
0.1m
1m
10m
0.1
1
10
.
Figure 7-17. Closed-Loop Output Impedance vs Frequency
Frequency (Hz)
10k
100k
1M
10M
100M
1G
100
1k
10k
100k
Open Loop
Closed Loop, RF = 402 , G = 4 V/V
Single-Ended
Figure 7-18. Active Off-Line Impedance vs Frequency
www.ti.com
OPA2675
SBOSAA5B – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com