Electronic Components Datasheet Search
  English  ▼

X  

OPA691 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA691
Description  OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA691 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA691 Datasheet HTML 19Page - Texas Instruments OPA691 Datasheet HTML 20Page - Texas Instruments OPA691 Datasheet HTML 21Page - Texas Instruments OPA691 Datasheet HTML 22Page - Texas Instruments OPA691 Datasheet HTML 23Page - Texas Instruments OPA691 Datasheet HTML 24Page - Texas Instruments OPA691 Datasheet HTML 25Page - Texas Instruments OPA691 Datasheet HTML 26Page - Texas Instruments OPA691 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
R =
M
ZLINE
2n
2
(8)
The peak current is computed in Figure 8-9 by noting that the total load is 4RM and that the peak current is half
of the peak-to-peak calculated using VLPP.
RM
RM
VLPP
n
VLPP
RL
±IP
±IP
2VLPP
n
1:n
Figure 8-9. Driver Peak Output Model
With the required output voltage and current versus turns ratio set, an output stage headroom model allows the
required supply voltage versus turns ratio to be developed.
The headroom model (see Figure 8-10) can be described with the following set of equations:
First, as available output voltage for each amplifier:
V
=V
(V +V )
I
(R +R )
-
OPP
CC
1
2
-
´
P
1
2
(9)
Or, second, as required single-supply voltage:
V
=
CC
1
2
P ´
V
+(V +V )+I
(R +R )
OPP
1
2
(10)
The minimum supply voltage for a set of power and load requirements is given by Equation 10, where V1, V2, R1,
and R2 are internal to the OPA2675.
Table 8-1 gives V1, V2, R1, and R2 for +12-V operation of the OPA2675.
V
O
R
1
V
1
+V
CC
R
2
V
2
I
P
Figure 8-10. Line Driver Headroom Model
Table 8-1. Line Driver Headroom Model Values
V1
R1
V2
R2
0.9 V
2 Ω
0.9 V
2 Ω
www.ti.com
OPA2675
SBOSAA5B – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com