Electronic Components Datasheet Search
  English  ▼

X  

OPA691 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # OPA691
Description  OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA691 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA691 Datasheet HTML 25Page - Texas Instruments OPA691 Datasheet HTML 26Page - Texas Instruments OPA691 Datasheet HTML 27Page - Texas Instruments OPA691 Datasheet HTML 28Page - Texas Instruments OPA691 Datasheet HTML 29Page - Texas Instruments OPA691 Datasheet HTML 30Page - Texas Instruments OPA691 Datasheet HTML 31Page - Texas Instruments OPA691 Datasheet HTML 32Page - Texas Instruments OPA691 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
11.2 Layout Example
Place bypass capacitor
close to power pins
Connect the thermal pad to a heat
spreading plane; the plane must be at
the same potential as VS–
Thermal Pad
Ground and power plane removed
from inner layers. Ground fill on
outer layers also removed.
Ground and power plane exist on
inner layers.
9
4
10
3
11
2
12
1
Bias
Control
CBYP
+ IN A
Place the feedback resistors, RF
and RG, and the source resistors,
RS, as close to the device
pins as possible to minimize parasitics
Considering high power capabilities,
use wide supply traces to the bypass
capacitors to minimize inductance
Place as many vias as possible under
the thermal pad and connect them to a
heat spreading plane that is at the
same potential as VS–
- IN A
RF
RG
RS
Layout Recommendations have been shown for Channel A only, follow similar precautions for Channel B.
Figure 11-1. Layout Recommendations
www.ti.com
OPA2675
SBOSAA5B – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com