Electronic Components Datasheet Search
  English  ▼

X  

OPA691 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA691
Description  OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA691 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA691 Datasheet HTML 17Page - Texas Instruments OPA691 Datasheet HTML 18Page - Texas Instruments OPA691 Datasheet HTML 19Page - Texas Instruments OPA691 Datasheet HTML 20Page - Texas Instruments OPA691 Datasheet HTML 21Page - Texas Instruments OPA691 Datasheet HTML 22Page - Texas Instruments OPA691 Datasheet HTML 23Page - Texas Instruments OPA691 Datasheet HTML 24Page - Texas Instruments OPA691 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Output Current (A)
0
0.2
0.4
0.6
0.8
1
1.2
-6
-4
-2
0
2
4
6
+85
C
+25
C
−40
C
Figure 8-4. Output Headroom vs Output Current
Output Current (mA)
-800
-600
-400
-200
0
200
400
600
800
-8
-6
-4
-2
0
2
4
6
8
2W Internal Power Dissipation SOA Curve
100
 Load Line
10
 Load Line
Figure 8-5. Output Voltage and Current Limitations
For the specifications described previously, consider voltage and current limits separately. In many applications,
it is the voltage times the current (or V-I product) that is more relevant to circuit operation. See Figure 8-5.
Figure 8-5 shows the zero-voltage output current limit and the zero-current output voltage limit on the X- and
Y-axes, respectively. The four quadrants give a more detailed view of the OPA2675 output drive capabilities,
noting that the graph is bounded by a safe operating area of 2W maximum internal power dissipation (in this
case, for one channel only). Superimposing resistor load lines onto the plot shows that the OPA2675 can drive
±4 V into 10 Ω or ±4.5 V into 25 Ω without exceeding the output capabilities or the 2-W dissipation limit.
8.3.1.3 Driving Capacitive Loads
One of the most demanding and yet very common load conditions for an op amp is capacitive loading.
The capacitive load is often the input of an analog-to-digital converter (ADC), including additional external
capacitance that may be recommended to improve the ADC linearity. A high-speed, high open-loop gain
amplifier such as the OPA2675 can be very susceptible to decreased stability and closed-loop response peaking
when a capacitive load is placed directly on the output pin. When the amplifier open-loop output resistance is
considered, this capacitive load introduces an additional pole in the signal path that can decrease the phase
margin.
402
133
R
ISO
+V
S
–V
S
OPA2675
49.9
C
L
V
I
R
LOAD
Figure 8-6. Driving a Large Capacitive Load Using an Output Series Isolation Resistor
When the primary considerations are frequency response flatness, pulse response fidelity, and distortion, the
simplest and most effective solution is to isolate the capacitive load (CL) from the feedback loop by inserting a
series isolation resistor (RISO) between the amplifier output and the capacitive load as shown in Figure 8-6. This
approach does not eliminate the pole from the loop response, but rather shifts it and adds a zero at a higher
frequency. The additional zero acts to cancel the phase lag from the capacitive load pole, thus increasing the
phase margin and improving stability. Figure 8-7 and Figure 8-8 shows the Recommended RISO vs CL and the
resulting frequency response with the optimized RISO value.
www.ti.com
OPA2675
SBOSAA5B – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com