Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 235 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 235 Page - Microchip Technology

Back Button DO16 Datasheet HTML 231Page - Microchip Technology DO16 Datasheet HTML 232Page - Microchip Technology DO16 Datasheet HTML 233Page - Microchip Technology DO16 Datasheet HTML 234Page - Microchip Technology DO16 Datasheet HTML 235Page - Microchip Technology DO16 Datasheet HTML 236Page - Microchip Technology DO16 Datasheet HTML 237Page - Microchip Technology DO16 Datasheet HTML 238Page - Microchip Technology DO16 Datasheet HTML 239Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 235
PIC24FJ256GA705 FAMILY
REGISTER 19-2:
UxSTA: UARTx STATUS AND CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
HC/R/W-0
R/W-0
HSC/R-0
HSC/R-1
UTXISEL1
UTXINV(1)
UTXISEL0
URXEN
UTXBRK
UTXEN(2)
UTXBF
TRMT
bit 15
bit 8
R/W-0
R/W-0
R/W-0
HSC/R-1
HSC/R-0
HSC/R-0
HS/R/C-0
HSC/R-0
URXISEL1
URXISEL0
ADDEN
RIDLE
PERR
FERR
OERR
URXDA
bit 7
bit 0
Legend:
C = Clearable bit
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
HS = Hardware Settable bit
HC = Hardware Clearable bit
bit 15,13
UTXISEL<1:0>: UARTx Transmission Interrupt Mode Selection bits
11 = Reserved; do not use
10 = Interrupt when a character is transferred to the Transmit Shift Register (TSR), and as a result, the
transmit buffer becomes empty
01 = Interrupt when the last character is shifted out of the Transmit Shift Register; all transmit
operations are completed
00 = Interrupt when a character is transferred to the Transmit Shift Register (this implies there is at least
one character open in the transmit buffer)
bit 14
UTXINV: UARTx IrDA® Encoder Transmit Polarity Inversion bit(1)
IREN = 0:
1 = UxTX Idle state is ‘0’
0 = UxTX Idle state is ‘1’
IREN = 1:
1 = UxTX Idle state is ‘1’
0 = UxTX Idle state is ‘0’
bit 12
URXEN: UARTx Receive Enable bit
1 = Receive is enabled, UxRX pin is controlled by UARTx
0 = Receive is disabled, UxRX pin is controlled by the port
bit 11
UTXBRK: UARTx Transmit Break bit
1 = Sends Sync Break on next transmission – Start bit, followed by twelve ‘0’ bits, followed by Stop bit;
cleared by hardware upon completion
0 = Sync Break transmission is disabled or completed
bit 10
UTXEN: UARTx Transmit Enable bit(2)
1 = Transmit is enabled, UxTX pin is controlled by UARTx
0 = Transmit is disabled, any pending transmission is aborted and the buffer is reset; UxTX pin is
controlled by the port
bit 9
UTXBF: UARTx Transmit Buffer Full Status bit (read-only)
1 = Transmit buffer is full
0 = Transmit buffer is not full, at least one more character can be written
bit 8
TRMT: Transmit Shift Register Empty bit (read-only)
1 = Transmit Shift Register is empty and transmit buffer is empty (the last transmission has completed)
0 = Transmit Shift Register is not empty, a transmission is in progress or queued
Note 1:
The value of this bit only affects the transmit properties of the module when the IrDA® encoder is enabled
(IREN = 1).
2:
If UARTEN = 1, the peripheral inputs and outputs must be configured to an available RPn/RPIn pin. For
more information, see Section 11.5 “Peripheral Pin Select (PPS)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com