Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 239 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 239 Page - Microchip Technology

Back Button DO16 Datasheet HTML 235Page - Microchip Technology DO16 Datasheet HTML 236Page - Microchip Technology DO16 Datasheet HTML 237Page - Microchip Technology DO16 Datasheet HTML 238Page - Microchip Technology DO16 Datasheet HTML 239Page - Microchip Technology DO16 Datasheet HTML 240Page - Microchip Technology DO16 Datasheet HTML 241Page - Microchip Technology DO16 Datasheet HTML 242Page - Microchip Technology DO16 Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 239
PIC24FJ256GA705 FAMILY
20.0 ENHANCED PARALLEL
MASTER PORT (EPMP)
The Enhanced Parallel Master Port (EPMP) module pro-
vides a parallel, 4-bit (Master mode only) or 8-bit (Master
and Slave modes) data bus interface to communicate
with off-chip modules, such as memories, FIFOs, LCD
Controllers and other microcontrollers. This module
can serve as either the master or the slave on the
communication bus.
For EPMP Master modes, all external addresses are
mapped into the internal Extended Data Space (EDS).
This is done by allocating a region of the EDS for each
Chip Select, and then assigning each Chip Select to a
particular external resource, such as a memory or
external controller. This region should not be assigned
to another device resource, such as RAM or SFRs. To
perform a write or read on an external resource, the
CPU simply performs a write or read within the address
range assigned for the EPMP.
Key features of the EPMP module are:
• Extended Data Space (EDS) Interface Allows
Direct Access from the CPU
• Up to Ten Programmable Address Lines
• Up to Two Chip Select Lines
• Up to Two Acknowledgment Lines
(one per Chip Select)
• 4-Bit or 8-Bit Wide Data Bus
• Programmable Strobe Options (per Chip Select):
- Individual read and write strobes or;
- Read/Write strobe with enable strobe
• Programmable Address/Data Multiplexing
• Programmable Address Wait States
• Programmable Data Wait States (per Chip Select)
• Programmable Polarity on Control Signals
(per Chip Select)
• Legacy Parallel Slave Port Support
• Enhanced Parallel Slave Support:
- Address support
- 4-byte deep auto-incrementing buffer
Only the higher pin count packages in the family
implement the EPMP. The EPMP feature is not available
on 28-pin devices.
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to
the “dsPIC33/PIC24 Family Reference
Manual”, “Enhanced Parallel Master
Port (EPMP)” (DS39730), which is
available from the Microchip website
(www.microchip.com). The information in
this data sheet supersedes the information
in the FRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com