Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 270 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 270 Page - Microchip Technology

Back Button DO16 Datasheet HTML 266Page - Microchip Technology DO16 Datasheet HTML 267Page - Microchip Technology DO16 Datasheet HTML 268Page - Microchip Technology DO16 Datasheet HTML 269Page - Microchip Technology DO16 Datasheet HTML 270Page - Microchip Technology DO16 Datasheet HTML 271Page - Microchip Technology DO16 Datasheet HTML 272Page - Microchip Technology DO16 Datasheet HTML 273Page - Microchip Technology DO16 Datasheet HTML 274Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 270
 2016-2018 Microchip Technology Inc.
21.6.1
POWER CONTROL CLOCK SOURCE
The stability and sample windows are controlled by
the PWCSAMPx and PWCSTABx bit fields in the
RTCCON3L register (RTCCON3L<15:8> and <7:0>,
respectively). As both the stability and sample windows
are defined in terms of the RTCC clock, their
absolute values vary by the value of the PWC clock
base period (TPWCCLK). For example, using a
32.768 kHz SOSC input clock would produce a
TPWCCLK of 1/32768 = 30.518 µs. The 8-bit magnitude
of PWCSTABx and PWCSAMPx allows for a window
size of 0 to 255 TPWCCLK. The period of the PWC clock
can also be adjusted with a 1:1, 1:16, 1:64 or
1:256 prescaler, determined by the PWCPS<1:0> bits
(RTCCON2L<7:6>).
In addition, certain values for the PWCSTABx and
PWCSAMPx fields have specific control meanings in
determining power control operations. If either bit field is
00h, the corresponding window is inactive. In addition, if
the PWCSTABx field is FFh, the stability window
remains active continuously, even if power control is
disabled.
21.7
Event Timestamping
The RTCC includes a set of Timestamp registers that
may be used for the capture of Time and Date register
values when an external input signal is received. The
RTCC will trigger a timestamp event when a low pulse
occurs on the TMPRN pin.
21.7.1
TIMESTAMP OPERATION
The event input is enabled for timestamping using the
TSAEN bit (RTCCON1L<0>). When the timestamp event
occurs, the present time and date values will be stored in
the TSATIMEL/H and TSADATEL/H registers, the
TSAEVT status bit (RTCSTATL<3>) will be set and an
RTCC interrupt will occur. A new timestamp capture event
cannot occur until the user clears the TSAEVT status bit.
21.7.2
MANUAL TIMESTAMP OPERATION
The current time and date may be captured in the
TSATIMEL/H and TSADATEL/H registers by writing a
‘1’ to the TSAEVT bit location while the timestamp func-
tionality is enabled (TSAEN = 1). This write will not set
the TSAEVT bit, but it will initiate a timestamp capture.
The TSAEVT bit will be set when the capture operation
is complete. The user must poll the TSAEVT bit to
determine when the capture operation is complete.
After the Timestamp registers have been read, the
TSAEVT bit should be cleared to allow further
hardware or software timestamp capture events.
Note 1: The TSATIMEL/H and TSADATEL/H regis-
ter pairs can be used for data storage when
TSAEN = 0. The values of TSATIMEL/H
and TSADATEL/H will be maintained
throughout all types of non-Power-on
Resets (MCLR, WDT, etc).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com